Electronic Components Datasheet Search
  English  ▼

X  

AD8614ART-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8614ART-R2
Description  Single and Quad 18 V Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ART-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8614ART-R2 Datasheet HTML 1Page - Analog Devices AD8614ART-R2 Datasheet HTML 2Page - Analog Devices AD8614ART-R2 Datasheet HTML 3Page - Analog Devices AD8614ART-R2 Datasheet HTML 4Page - Analog Devices AD8614ART-R2 Datasheet HTML 5Page - Analog Devices AD8614ART-R2 Datasheet HTML 6Page - Analog Devices AD8614ART-R2 Datasheet HTML 7Page - Analog Devices AD8614ART-R2 Datasheet HTML 8Page - Analog Devices AD8614ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8614/AD8644
Rev. B | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
20 V
Input Voltage
GND to VS
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−20°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Lead SOT-23 (RJ)
230
140
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
14-Lead SOIC (R)
120
56
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com