Electronic Components Datasheet Search
  English  ▼

X  

AD9860PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9860PCB
Description  Mixed-Signal Front-End Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9860PCB Datasheet HTML 8Page - Analog Devices AD9860PCB Datasheet HTML 9Page - Analog Devices AD9860PCB Datasheet HTML 10Page - Analog Devices AD9860PCB Datasheet HTML 11Page - Analog Devices AD9860PCB Datasheet HTML 12Page - Analog Devices AD9860PCB Datasheet HTML 13Page - Analog Devices AD9860PCB Datasheet HTML 14Page - Analog Devices AD9860PCB Datasheet HTML 15Page - Analog Devices AD9860PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
REV. 0
–12–
AD9860/AD9862
REGISTER MAP (0x00–0x3F)1
Register Name
Address
2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
General
0
SDIO BiDir
LSB First
Soft Reset
Rx Power Down
1
VREF (diff)
VREF
Rx Digital
Rx Channel B
Rx Channel A Buffer B
Buffer A
All Rx
Rx A2
Byp Buffer A
RxPGA A
Rx B3
Byp Buffer B
RxPGA B
Rx Misc
4
HS Duty Cycle Shared Ref
Clk Duty
Rx I/F
5
Three State
Rx Retime
Twos
Inv RxSync
Mux Out
Complement
Rx Digital
6
2 Channel
Keep –ve
Hilbert
Decimate
RSV
7
Reserved for Future Use
Tx Power Down
8
Alt Timing
TxOff Enable
Tx Digital
Tx Analog Power Down [2:0]
Mode
RSV9
Reserved for Future Use
Tx A Offset
10
DAC A Offset [1:0]
DAC A Offset
Direction
Tx A Offset
11
DAC A Offset [9:2]
Tx B Offset
12
DAC B Offset [1:0]
DAC B Offset
Direction
Tx B Offset
13
DAC B Offset [9:2]
Tx A Gain
14
DAC A Coarse Gain
DAC A Fine Gain
Tx B Gain
15
DAC B Coarse Gain
DAC B Fine Gain
Tx PGA Gain
16
Tx PGA Gain
Tx Misc
17
Slave Enable Tx PGA Fast
Tx I/F
18
Tx Retime
Q/I Order
Inv TxSync
Twos
Inverse
2 Edges
Interleaved
Complement
Sample
Tx Digital
19
2 Data Paths
Keep –ve
Hilbert
Interpolation Control
Tx Modulator
20
Neg. Fine Tune
Fine Mode
Real Mix
Neg. Coarse Tune
Coarse Modulation
NCO Tuning
Word
21
FTW [7:0]
NCO Tuning
Word
22
FTW [15:8]
NCO Tuning
Word
23
FTW [23:16]
DLL
24
Reserved
Input Control ADC Div 2
DLL Multiplier
DLL
DLL
Clock
Power Down
FAST
CLKOUT
25
CLKOUT2 Divide Factor
Inv2
Dis2
Inv1
Dis1
Aux ADC A2
26
Aux ADC A2 Data [1:0]
Aux ADC A2
27
Aux ADC A2 Data [9:2]
Aux ADC A1
28
Aux ADC A1 Data [1:0]
Aux ADC A1
29
Aux ADC A1 Data [9:2]
Aux ADC B2
30
Aux ADC B2 Data [1:0]
Aux ADC B2
31
Aux ADC B2 Data [9:2]
Aux ADC B1
32
Aux ADC B1 Data [1:0]
Aux ADC B1
33
Aux ADC B1 Data [9:2]
Aux ADC Control
34
Aux SPI
SelBnot A
Refsel B
Select B
Start B
Refsel A
Select A
Start A
Aux ADC Clock
35
CLK/4
Aux DAC A
36
Aux DAC A
Aux DAC B
37
Aux DAC B
Aux DAC C
38
Aux DAC C
Aux DAC
39
Slave Enable
Update C
Update B
Update A
Update Aux DAC 40
Power Down C Power Down B Power Down A
DAC Control
41
Inv C
Inv B
Inv A
SigDelt
42
Sigma-Delta Control Word [3:0]
Flag
SigDelt
43
Sigma-Delta Control Word [11:4]
ADC Low Power
49, 50
Low Power Register for Rx Path Operation below 32 MSPS
RSV
44–62
Reserved for Future Use
63
Chip Rev ID
NOTES
1 When writing to a register with unassigned register bit(s), a logic low must be written to the unassigned bit(s). By default, after power up or RESET, all registers
are set low, except for the bits in the shaded boxes, which are set high.
2 Decimal
Purpose
SPI Setup
Receive
Path
Setup
Transmit
Path
Setup
NCO
Setup
Clock
Setup
Auxiliary
ADC Data
and Setup
Auxiliary
DAC Data
and Setup
Sigma-
Delta Data
and Setup
Rx Low
Power
Reserved
Chip ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com