Electronic Components Datasheet Search
  English  ▼

X  

CMF252 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMF252
Description  AMPS Fullband Transmit Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMF252 Datasheet(HTML) 1 Page - API Technologies Corp

  CMF252 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMF252
AMPS Fullband Transmit Filter
Passband:
869 - 894 MHz
Insertion Loss:
1.4 dB max.
Return Loss:
18.0 dB min.
Rejection:
824 - 849 MHz
80 dB min.
849 - 865 MHz
40 dB min.
865 – 867 MHz
20 dB min.
896 – 898 MHz
20 dB min.
898 – 900 MHz
35 dB min.
900 – 2000 MHz
40 dB min.
3rd order IMD:
-105 dBm min. with two carriers
at +43 dBm
Power:
700 Watts Average, 8 kW PIP
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMF252

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMF258 APITECH-CMF258 Datasheet
113Kb / 1P
AMPS A-Band Transmit Filter
More results

Similar Description - CMF252

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
Transmit Circuit for TDMA/AMPS
MGCT03 ZARLINK-MGCT03 Datasheet
366Kb / 11P
Transmit Circuit for TDMA/AMPS
logo
Bothhand USA, LP.
FB2022 BOTHHAND-FB2022 Datasheet
41Kb / 1P
TRANSMIT / RECEIVER FILTER
FB2022H BOTHHAND-FB2022H Datasheet
42Kb / 1P
TRANSMIT / RECEIVER FILTER
logo
API Technologies Corp
CMD139 APITECH-CMD139 Datasheet
115Kb / 1P
AMPS FullBand Duplexer
CMD116 APITECH-CMD116 Datasheet
108Kb / 1P
AMPS Fullband Duplexer
CMF258 APITECH-CMF258 Datasheet
113Kb / 1P
AMPS A-Band Transmit Filter
CMF242 APITECH-CMF242 Datasheet
110Kb / 1P
PCS Fullband Diversity Receive Filter
CMF117 APITECH-CMF117 Datasheet
118Kb / 1P
AMPS Fullband Receive Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com