Electronic Components Datasheet Search
  English  ▼

X  

CMF249 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMF249
Description  34.5 GHz Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMF249 Datasheet(HTML) 1 Page - API Technologies Corp

  CMF249 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMF249
34.5 GHz Bandpass Filter
Passband:
30.0 – 39.03 GHz
Insertion Loss:
2.7 dB max.
Return Loss:
15 dB min.
Rejection:
DC –29.0 GHz
55 dB min.
40.0 GHz
55 dB min.
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMF249

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMF241 APITECH-CMF241 Datasheet
112Kb / 1P
PCS A/D Band Transmit Filter
CMF242 APITECH-CMF242 Datasheet
110Kb / 1P
PCS Fullband Diversity Receive Filter
CMF248 APITECH-CMF248 Datasheet
106Kb / 1P
10 GHz Bandpass Filter
logo
Central Semiconductor C...
CMF24A CENTRAL-CMF24A Datasheet
86Kb / 2P
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
CMF24A CENTRAL-CMF24A Datasheet
606Kb / 3P
SURFACE MOUNT UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS
More results

Similar Description - CMF249

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
AFL05181 DILABS-AFL05181 Datasheet
327Kb / 3P
4 to 8 GHz Bandpass Filter
logo
API Technologies Corp
CMF248 APITECH-CMF248 Datasheet
106Kb / 1P
10 GHz Bandpass Filter
CMF197 APITECH-CMF197 Datasheet
112Kb / 1P
2.4 GHz Bandpass Filter
logo
Knowles Electronics
B039NC5S KNOWLES-B039NC5S Datasheet
291Kb / 2P
3.95 GHz Surface Mount Bandpass Filter
B060NC5S KNOWLES-B060NC5S Datasheet
291Kb / 2P
6 GHz Surface Mount Bandpass Filter
B024RF2S KNOWLES-B024RF2S Datasheet
294Kb / 2P
2.40 GHz Surface Mount Bandpass Filter
B031ND5S KNOWLES-B031ND5S Datasheet
296Kb / 2P
3.125 GHz Surface Mount Bandpass Filter
B058MD7S KNOWLES-B058MD7S Datasheet
401Kb / 2P
5.70 GHz Surface Mount Bandpass Filter
B081RC0S KNOWLES-B081RC0S Datasheet
321Kb / 2P
8.5 GHz Surface Mount Bandpass Filter
B274MB1S KNOWLES-B274MB1S Datasheet
435Kb / 2P
28.0 GHz Surface Mount Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com