Electronic Components Datasheet Search
  English  ▼

X  

CMF197 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMF197
Description  2.4 GHz Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMF197 Datasheet(HTML) 1 Page - API Technologies Corp

  CMF197 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
CMF197
2.4 GHz Bandpass Filter
Passband:
2400 – 2480 MHz
Insertion Loss:
1.0 dB max.
Return Loss:
16 dB min.
Rejection:
DC – 2350 MHz
50 dB min.
2530 – 4000 MHz
50 dB min.
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius


Similar Part No. - CMF197

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMF192 APITECH-CMF192 Datasheet
105Kb / 1P
Bandpass Filter
CMF193 APITECH-CMF193 Datasheet
105Kb / 1P
Bandpass Filter
More results

Similar Description - CMF197

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY33100-360LF SKYWORKS-SKY33100-360LF Datasheet
293Kb / 5P
BAW Band Pass Filter 2.4 GHz
logo
Johanson Technology Inc...
2442LP18A083 JOHANSON-2442LP18A083 Datasheet
229Kb / 2P
2.4 GHz Low Pass Filter
2450LP14B100 JOHANSON-2450LP14B100 Datasheet
68Kb / 2P
2.4 GHz Low Pass Filter
2450LP14A100 JOHANSON-2450LP14A100 Datasheet
68Kb / 2P
2.4 GHz Low Pass Filter
2450LP15A050 JOHANSON-2450LP15A050 Datasheet
115Kb / 2P
2.4 GHz Low Pass Filter
2400LP18A0200 JOHANSON-2400LP18A0200 Datasheet
211Kb / 2P
2.4 GHz Low Pass Filter
logo
API Technologies Corp
CMF249 APITECH-CMF249 Datasheet
107Kb / 1P
34.5 GHz Bandpass Filter
CMF248 APITECH-CMF248 Datasheet
106Kb / 1P
10 GHz Bandpass Filter
logo
Johanson Technology Inc...
2442LP18A083E JOHANSON-2442LP18A083E Datasheet
113Kb / 2P
2.4 GHz Low Pass Filter
logo
Knowles Electronics
B039NC5S KNOWLES-B039NC5S Datasheet
291Kb / 2P
3.95 GHz Surface Mount Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com