Electronic Components Datasheet Search
  English  ▼

X  

CMF117 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMF117
Description  AMPS Fullband Receive Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMF117 Datasheet(HTML) 1 Page - API Technologies Corp

  CMF117 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMF117
AMPS Fullband Receive Filter
Passband:
824 to 849 MHz
Insertion Loss:
1.0 dB max.
Return Loss:
14 dB min.
Rejection:
DC – 794 MHz
75 dB min.
869 - 2000 MHz
75 dB min.
Connectors:
SMA Female Input / Output
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMF117

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMF1101 APITECH-CMF1101 Datasheet
105Kb / 1P
Bandpass Filter
logo
Central Semiconductor C...
CMF110A CENTRAL-CMF110A Datasheet
86Kb / 2P
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
CMF110A CENTRAL-CMF110A Datasheet
606Kb / 3P
SURFACE MOUNT UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS
CMF110A CENTRAL-CMF110A Datasheet
606Kb / 3P
UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMF11A CENTRAL-CMF11A Datasheet
86Kb / 2P
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
More results

Similar Description - CMF117

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
PCA ELECTRONICS INC.
EPB5012G PCA-EPB5012G Datasheet
27Kb / 1P
Receive Band Pass Filter
logo
API Technologies Corp
CMD243 APITECH-CMD243 Datasheet
144Kb / 2P
PCS Fullband Duplexer
CMD161 APITECH-CMD161 Datasheet
108Kb / 1P
PCS Fullband Duplexer
CMD139 APITECH-CMD139 Datasheet
115Kb / 1P
AMPS FullBand Duplexer
CMD116 APITECH-CMD116 Datasheet
108Kb / 1P
AMPS Fullband Duplexer
CMF252 APITECH-CMF252 Datasheet
113Kb / 1P
AMPS Fullband Transmit Filter
CMF242 APITECH-CMF242 Datasheet
110Kb / 1P
PCS Fullband Diversity Receive Filter
CMF211 APITECH-CMF211 Datasheet
108Kb / 1P
JCDMA Receive Filter
CMF201 APITECH-CMF201 Datasheet
118Kb / 1P
PCS B-Band Receive Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com