Electronic Components Datasheet Search
  English  ▼

X  

CMD343 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD343
Description  E AMPS Duplexer 824 ??894 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD343 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD343 Datasheet HTML 1Page - API Technologies Corp CMD343 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
CMD343
E AMPS Duplexer
824 – 894 MHz
Revision 1, February 5, 2003
Receive Channel
Transmit Channel
Passband:
824 – 849 MHz
Passband:
869 – 894 MHz
Bandwidth:
25 MHz
Bandwidth:
25 MHz
Freq. Spacing:
45 MHz
Freq. Spacing:
45 MHz
Insertion Loss:
1.0 dB max.
Insertion Loss:
1.0 dB max.
VSWR:
1.50:1 max.
VSWR:
1.50:1 max.
RX Noise Suppression Below RX Band:
TX Noise Suppression at RX:
DC – 750 MHz
60 dB min
DC – 849 MHz
60 dB min.
RX Isolation at TX Freq:
TX Noise Suppression Above TX Band:
869 – 894 MHz
60 dB min.
968 – 2000 MHz
60 dB min.
894 – 2000 MHz
60 dB min.
Isolation Tx to Rx:
60 dB min.
Isolation Rx to Tx:
60 dB min.
Power:
500 Watts CW
10,000 Watts
PIP
*Optional Antenna Port Coupling
-50 dB +/- 3 dB non-directional
Operation Temp:
-30° to +60°C
Storage Temp:
-40° to +85°C


Similar Part No. - CMD343

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD3450 CML-CMD3450 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
More results

Similar Description - CMD343

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
logo
Skyworks Solutions Inc.
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
PA Module for CDMA / AMPS (824-849 MHz)
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446_06 Datasheet
236Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
logo
Skyworks Solutions Inc.
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
logo
Stealth Microwave, Inc.
SM08290-41L STEALTH_MICROWAVE-SM08290-41L Datasheet
137Kb / 3P
824-894 MHz 12 Watt Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446_08 Datasheet
177Kb / 6P
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
logo
API Technologies Corp
CMD157 APITECH-CMD157 Datasheet
129Kb / 2P
AMPS Duplexer
CMD108-02 APITECH-CMD108-02 Datasheet
92Kb / 1P
AMPS Duplexer
logo
Skyworks Solutions Inc.
SKY77425 SKYWORKS-SKY77425 Datasheet
320Kb / 9P
Front-End Module for CDMA (Tx 824-849 MHz), (Rx 869-894 MHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com