Electronic Components Datasheet Search
  English  ▼

X  

P109 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P109
Description  SSMP FEMALE STRAIGHT 50 OHM LOAD TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P109 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P109 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P109
OLPXXX\OLP109
20:1
1
H
1
SSMP FEMALE STRAIGHT
50 OHM LOAD TERMINATION
RR
(.330)
(Ø .091)
R.P.
(Ø .125)
SSMP Female
Interface
RR
ENG-DWG REV. C
A
B
4
C
D
4
3
10.
2
DRAWING NO.
30990
CAGE CODE
SIZE
C
SHEET
OF
1
REV.
SUB-DIRECTORY\FILENAME
TITLE
SCALE
A
B
3
2
C
D
1
BY


Similar Part No. - P109

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P1096-06 HAMAMATSU-P1096-06 Datasheet
114Kb / 2P
CbS photoconductive cell
More results

Similar Description - P109

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72975 POMONA-72975 Datasheet
123Kb / 1P
SMA PLUG, 50 OHM TERMINATION
logo
Pasternack Enterprises,...
PE6048 PASTERNACK-PE6048 Datasheet
77Kb / 1P
75 OHM N FEMALE RESISTOR TERMINATION
PE6180 PASTERNACK-PE6180 Datasheet
353Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Female RF Load Up To 50 GHz
logo
List of Unclassifed Man...
P110 ETC2-P110 Datasheet
649Kb / 4P
SSMP MALE STRAIGHT 50 OHM LOAD TERMINATION
P138 ETC2-P138 Datasheet
147Kb / 1P
SSMP FEMALE STRAIGHT TO FEMALE BULLET
P170 ETC2-P170 Datasheet
91Kb / 1P
SSMP FEMALE STRAIGHT SHORT
P180 ETC2-P180 Datasheet
94Kb / 1P
SSMP MALE STRAIGHT SHORT
P319 ETC2-P319 Datasheet
146Kb / 1P
SSMP MALE PCB EDGE MOUNT TO STRAIGHT TERMINATION
P918 ETC2-P918 Datasheet
121Kb / 1P
SMP FEMALE STRAIGHT TO 50 OHM LOAD TERMINATION
P919 ETC2-P919 Datasheet
83Kb / 1P
SMP MALE STRAIGHT 50 OHMS LOAD TERMINATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com