Electronic Components Datasheet Search
  English  ▼

X  

SML190RTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # SML190RTP
Description  CLIPLITE SML 190
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SML190RTP Datasheet(HTML) 1 Page - Visual Communications Company

  SML190RTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7920-G ARJONS DRIVE SAN DIEGO, CA 92126 U.S.A. (619) 549-6900
VISUAL COMMUNICATIONS COMPANY, INC.
REVISIONS
TOLERANCES
5
DRAWING NO.
MATERIAL
APP'D
DATE
SCALE
TRACED
CHK'D
DRAWN BY
4
3
2
1
BY
DATE
DESCRIPTION
NO.
RADII
ANGLE
DIAMETER
DECIMAL
(EXCEPT AS NOTED)
(3.81mm)
(1.57mm)
.290
(4.34mm)
(4.83mm)
.171 DIA
.190 DIA
(7.37mm)
.062
.150
NOTES:
MATERIAL: Polycarbonate
DESIGN:
Low profile lens using fresnel rings and
striated lines.
MOUNTING: Mounts thru the front of panel. Mounting
holes should be deburred but not chamfered.
Lens mounts in a .171 ±.002 (4.34mm) hole on 1/4" centers
Panel thickness 1/32" to 1/16"
Standard metal or plastic washer can be used
to increase panel thickness if necessary.
R
U.S. & Foreign Pat. Issued & Pend.
.008 Max
.003 TIR
± 30'
±.010
See Notes
10/25/85
5 X
JMS
SML190A
CLIPLITE
SML 190
MODEL
COLOR
BTP Blue Transparent
YTP Yellow Transparent
CTP Clear Transparent
SML 190 RTP
RTP Red Transparent
ATP Amber Transparent
GTP Green Transparent
ACTUAL SIZE
(3.81mm)
(1.02mm)
(5.08mm)
(.51MM)
.200
.020 MIN
TO
.040 MAX
.150
LEDs with a major ID of .125" can be accommodated
by reducing the panel mounting hole size.
ORDERING CODES
RECOMMENDED LED
SIZE T-1


Similar Part No. - SML190RTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SML190RTP VCC-SML190RTP Datasheet
81Kb / 1P
HEIGHT FRESNEL LENS 3MM ROUND STANDARD
SML190RTP VCC-SML190RTP Datasheet
266Kb / 1P
CLIPLITE SML 190
REV. 1
logo
Multicomp Pro
SML190RTP MULTICOMP-SML190RTP Datasheet
97Kb / 3P
LENS MOUNTS FOR 3mm & 5mm LEDs
13/02/10 V1.1
More results

Similar Description - SML190RTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLP125BLK VCC-CLP125BLK Datasheet
135Kb / 1P
CLIPLITE CLP 125 MOUNT
CLP126BLK VCC-CLP126BLK Datasheet
205Kb / 1P
CLIPLITE CLP 126 MOUNT
CLP127BLK VCC-CLP127BLK Datasheet
97Kb / 1P
CLIPLITE CLP 127 MOUNT
CMC285BLK VCC-CMC285BLK Datasheet
119Kb / 1P
CLIPLITE CMC 285 MOUNT
LPC VCC-LPC Datasheet
78Kb / 1P
VERTICAL CLIPLITE 4MM LITEPIPE
RNG132-E VCC-RNG132-E Datasheet
66Kb / 1P
CLIPLITE
RTN100-E VCC-RTN100-E Datasheet
64Kb / 1P
CLIPLITE
RTN150 VCC-RTN150 Datasheet
64Kb / 1P
CLIPLITE
SPC125-E VCC-SPC125-E Datasheet
64Kb / 1P
CLIPLITE SPACER
logo
Lapp.
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com