Electronic Components Datasheet Search
  English  ▼

X  

P110 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P110
Description  SSMP MALE STRAIGHT 50 OHM LOAD TERMINATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P110 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P110 Datasheet HTML 1Page - List of Unclassifed Manufacturers P110 Datasheet HTML 2Page - List of Unclassifed Manufacturers P110 Datasheet HTML 3Page - List of Unclassifed Manufacturers P110 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-
XXXX-XXXXX-XXXXXXXX
3
3
_XXXX\XXXXXXX
5:1
Ø .180
Ø .200±.002
.050
Ø .147±.002
30°
30°
32
Ø .125±.001
32
32
R .030
.2860
.2730
Ø .0135
.2160
Ø .0365
Ø .0501
Ø .0700
Ø .0501
.0270
(82.9929°)
2
2
A
4
B
C
3
D
4
3
SHEET
OF
SCALE
SUB-DIRECTORY\FILENAME
30990
CAGE CODE
C
SIZE
DRAWING NO.
1
REV.
A
B
C
1
D
ENG-DWG REV. C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com