Electronic Components Datasheet Search
  English  ▼

X  

P138 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P138
Description  SSMP FEMALE STRAIGHT TO FEMALE BULLET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P138 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P138 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-5CC
-3CC
-2CC
-1CC
P/N
A (CLOSE)
(.515)
(.552)
(.490)
A (OPEN)
(.465)
(.490)
(.502)
(.465)
(.440)
_OLPXX\OLP138
NONE
P138
1
F
TO FEMALE BULLET
SSMP FEMALE STRAIGHT
-6CC
(.600)
(.550)
-7CC
(.427)
(.387)
A (OPEN)
A (CLOSED)
(.070) TYP.
(Ø .091)
(Ø .091)
R.P.
R.P.
SSMP FEMALE
INTERFACE TYP
ENG-DWG REV. C
A
B
4
C
D
4
3
2
DRAWING NO.
30990
CAGE CODE
SIZE
C
SHEET
OF
1
REV.
SUB-DIRECTORY\FILENAME
TITLE
SCALE
A
B
3
2
C
D
1
R
R


Similar Part No. - P138

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P138-000-DVI TRIPPLITE-P138-000-DVI Datasheet
153Kb / 2P
Mini DVI to DVI Cable Adapter, Video Converter for Macbooks and iMacs, 1920x1200 (Mini DVI to DVI-D M/F)
P138-000-HDMI TRIPPLITE-P138-000-HDMI Datasheet
151Kb / 2P
Mini DVI to HDMI Cable Adapter, Video Converter for Macbooks and iMacs, 1920x1200 (M/F)
P138-000-VGA TRIPPLITE-P138-000-VGA Datasheet
151Kb / 2P
Mini DVI to VGA Cable Adapter, Video Converter for Macbooks and iMacs (M/F)
logo
List of Unclassifed Man...
P138-4 ETC2-P138-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
P138-4 ETC2-P138-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
More results

Similar Description - P138

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9775 PASTERNACK-PE9775 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 19.5mm Long Bullet
PE9776 PASTERNACK-PE9776 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 12.6mm Long Bullet
PE9777 PASTERNACK-PE9777 Datasheet
258Kb / 3P
SMP Female to SMP Female Adapter 6.45mm Long Bullet
PE91004 PASTERNACK-PE91004 Datasheet
109Kb / 1P
BULLET, SMP FEMALE TO SMP FEMALE, 22.4mm LONG
logo
List of Unclassifed Man...
224 ETC2-224 Datasheet
178Kb / 1P
SMK FEMALE TO SMK FEMALE STRAIGHT ADAPTER
5191 ETC2-5191 Datasheet
121Kb / 1P
SMA FEMALE TO SMA FEMALE STRAIGHT ADAPTER
MP543-1CC ETC2-MP543-1CC Datasheet
176Kb / 1P
TMP FEMALE TO SMA FEMALE STRAIGHT ADAPTER
P109 ETC2-P109 Datasheet
145Kb / 1P
SSMP FEMALE STRAIGHT 50 OHM LOAD TERMINATION
P170 ETC2-P170 Datasheet
91Kb / 1P
SSMP FEMALE STRAIGHT SHORT
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com