Electronic Components Datasheet Search
  English  ▼

X  

496001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 496001
Description  PRODUCT SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

496001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  496001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 496001 Datasheet HTML 2Page - List of Unclassifed Manufacturers 496001 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright Carl Kammerling International Ltd
deep
T6228
Telecom Cable Tacker
5013969700244
82055990
3
495024
Telecom Cable Staples (1000) 7.5mm wide x
10mm deep
5051074950246
73170061
10
Technical product
information
Staples with arrow ref T50 or Rapid ref 140 can be used with the 496001
staple gun
Standards
compliance
None applicable
User health and
safety information
These tools can cause serious injury if not used in the appropriate manner
Always keep other people a safe distance from the work area, if in doubt
about safe use or application, seek professional advice. Always wear eye
protection.
RoHS/WEEE
compliance
This product range does not fall within the scope of RoHS or WEEE
regulations
Material safety
data
None applicable
Warranty
C.K tools are guaranteed for life against imperfect materials or
workmanship
Damage caused through inappropriate use is not covered
Country of origin
Taiwan
Dimensional details
Product only
Product on primary packaging
Item
Width mm
Depth mm
Height mm
Net weight g
Width mm
Depth mm
Height mm
Gross
weight g
496001
190
28
155
721
235
32
210
787
496002
95
20
82
130
496003
95
22
82
147
496004
95
27
82
174
496005
95
30
82
192
T6227
190
28
155
721
235
32
210
787
495021
110
13
82
125
495022
110
18
82
168
T6228
190
28
155
721
235
32
210
787
494024
90
15
82
119



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com