Electronic Components Datasheet Search
  English  ▼

X  

496004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 496004
Description  PRODUCT SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

496004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  496004 Datasheet HTML 1Page - List of Unclassifed Manufacturers 496004 Datasheet HTML 2Page - List of Unclassifed Manufacturers 496004 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Copyright Carl Kammerling International Ltd
PRODUCT SPECIFICATION
Brand
C.K
Product Range
Heavy duty stapler and cable tackers
Catalogue number
6222, 6227, 6228
Date
01/10/2009
Range Description
Heavy duty stapler and cable tackers
496001
T6227 & T6228
Features
Tough cast Aluminium body
– for strength and
durability
Bi-material ergonomic handle
– for comfort and
reduced fatigue
Simple staple loading and clearing mechanism
–
fast and convenient
Handle safety locking system
– prevents
accidental operation
Display packed
Item
Number
Item Description
EAN No
Commodity
code
Carton
Qty
496001
Heavy duty staple gun
5013969197051
82055990
3
496002
Staples (1000) 10.5mm wide x 8mm deep
5051074960023
73170061
1
496003
Staples (1000) 10.5mm wide x 10mm deep
5051074960030
73170061
1
496004
Staples (1000) 10.5mm wide x 12mm deep
5051074960047
73170061
1
496005
Staples (1000) 10.5mm wide x 14mm deep
5051074960054
73170061
1
T6227
Cable Tacker
5013969700237
82055990
3
495021
Cable Staples (1000) 7.5mm wide x 11.1mm
deep
5051074950215
73170061
10
495022
Cable Staples (1000) 7.5mm wide x 14.2mm
5051074950222
73170061
10


Similar Part No. - 496004

ManufacturerPart #DatasheetDescription
logo
Theben AG
4960080 THEBEN-4960080 Datasheet
626Kb / 2P
DALI DALI-Gateways und -Aktoren
22.11.2024
4960094 THEBEN-4960094 Datasheet
739Kb / 3P
Presence and motion detectors Ceiling installation indoor
2/04/2025
4960094 THEBEN-4960094 Datasheet
1Mb / 5P
Präsenzmelder & Bewegungsmelder Deckenmontage innen
09.02.2025
More results

Similar Description - 496004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D10040200GT ETC1-D10040200GT Datasheet
126Kb / 4P
Product Specification
logo
GOOD-ARK Electronics
SMBRB3045S GOOD-ARK-SMBRB3045S_15 Datasheet
600Kb / 7P
Product Specification
MUR1020 GOOD-ARK-MUR1020 Datasheet
330Kb / 7P
Product Specification
MUR2040FCT GOOD-ARK-MUR2040FCT Datasheet
453Kb / 7P
Product Specification
MBRF20150CT GOOD-ARK-MBRF20150CT Datasheet
327Kb / 6P
Product Specification
MBRF10200CT GOOD-ARK-MBRF10200CT Datasheet
340Kb / 6P
Product Specification
MBR1060 GOOD-ARK-MBR1060 Datasheet
348Kb / 7P
Product Specification
MURB1060CT GOOD-ARK-MURB1060CT Datasheet
517Kb / 7P
Product Specification
MBR860 GOOD-ARK-MBR860 Datasheet
348Kb / 7P
Product Specification
logo
Tontek Design Technolog...
TT6061BB TONTEK-TT6061BB Datasheet
64Kb / 5P
PRODUCT SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com