Electronic Components Datasheet Search
  English  ▼

X  

3262 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3262
Description  1/4 Trimpot짰 Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3262 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3262 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.78 ±.38
(.188 ±.015)
.46 ±.025
(.018 ±.001)
12 3
.76
(.030)
1.02
(.040)
1.52 ±.38**
(.060 ±.015)
12 3
.76
(.030)
1.02
(.040)
4.70
(.185)
12 3
1.02
(.040)
.64
(.025)
1.02**
(.040)
6.35 ±.51
(.250 ±.020)
6.35 ±.51
(.250 ±.020)
1.52
(.060)
1.02
(.040)
.64
(.025)
4.32 ±.38
(.170 ±.015)
2.54
(.100)
2.54
(.100)
1.02
(.040)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
DIA.
1.52
(.060)
ADJ. SLOT
1.78
(.070)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
Features
■ Multiturn / Cermet / Industrial / Sealed
■ Listed on the QPL for style RJ26 per
MIL-R-22097 and RJR26 per
High-Rel MIL-R-39035
■ RoHS compliant* version available
■ For trimmer applications/processing
guidelines, click here
3262 - 1/4 ” Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
“Trimpot” is a registered trademark of Bourns, Inc.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
................................. 10 to 1 megohm
(see standard resistance table)
Resistance Tolerance ........... ±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance.... 1 % or
2 ohms max. (whichever is greater)
Contact Resistance Variation ... 3.0 % or
3 ohms max. (whichever is greater)
Adjustability
Voltage .................................. ±0.02 %
Resistance ............................ ±0.05 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level................................ 600 vac
80,000 Feet ............................ 250 vac
Effective Travel .................12 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
85 °C .................................... 0.25 watt
150 °C ....................................... 0 watt
Temperature Range ... -65 °C to +150 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 103
96 hours (2 %
ΔTR, 100 Megohms IR)
Vibration ........30 G (1 %
ΔTR; 1 % ΔVR)
Shock ....... 100 G (1 %
ΔTR; 1 % ΔDVR)
Load Life... 1,000 hours 0.25 watt @ 85 °C
(3 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Rotational Life .......................200 cycles
(2 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque............................. 3.0 oz-in. max.
Mechanical Stops................. Wiper idles
Terminals ....................... Solderable pins
Weight ..................................... 0.015 oz.
Marking.........Manufacturer’s trademark,
resistance code, wiring diagram,
date code, manufacturer’s model
number and style
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool.............................. H-90
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3262 P - 1 - 103 LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Terminations
LF =
100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
REV. 08/10
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
Popular values listed in boldface. Special
resistances available.
3262W
Common Dimensions
3262X
3262P
**Common
dimensions


Similar Part No. - 3262

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3262 KR-3262 Datasheet
58Kb / 3P
75 MHz Bandpass Filter
logo
List of Unclassifed Man...
3262 ETC-3262 Datasheet
103Kb / 1P
Heyco-Flex?줞ounting Brackets
logo
Heyco.
3262 HEYCO-3262 Datasheet
102Kb / 1P
Heyco-Flex™Mounting Brackets
3262 HEYCO-3262 Datasheet
137Kb / 1P
Snub Bushings
logo
TE Connectivity Ltd
326211 TEC-326211 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
More results

Similar Description - 3262

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3266W-1-103LF BOURNS-3266W-1-103LF_1 Datasheet
126Kb / 2P
3266 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-103LF BOURNS-3362P-1-103LF Datasheet
283Kb / 2P
3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-203 BOURNS-3362P-1-203 Datasheet
283Kb / 2P
3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
RJR26FW502R BOURNS-RJR26FW502R Datasheet
145Kb / 2P
RJ26/RJR26 - 1/4 ??Trimpot짰 Trimming Potentiometer
3362P-1-504 BOURNS-3362P-1-504 Datasheet
283Kb / 2P
3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362W-1-201LF BOURNS-3362W-1-201LF Datasheet
283Kb / 2P
3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3329 BOURNS-3329_10 Datasheet
176Kb / 2P
3329 - 1/4 ??Round Trimpot짰 Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3262W-1-103LF BOURNS-3262W-1-103LF Datasheet
127Kb / 1P
3262 - 1/4 Trimpot짰 Trimming Potentiometer
RJR26FW503R BOURNS-RJR26FW503R Datasheet
229Kb / 2P
RJ26/RJR26 - 1/4 ??Trimpot짰 Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com