Electronic Components Datasheet Search
  English  ▼

X  

3302 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3302
Description  Trimmer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3302 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3302 Datasheet HTML 1Page - Bourns Electronic Solutions 3302 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 2
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
No.
Construction
Element
(Subpart)
Homogeneous
Material
Material
Weight
(g)
Homogeneous
Material
CASRN
Material
Mass %
Material Mass
% of total unit
wt.
Subpart
mass of total
wt. (%)
Substance
1
Substrate
Ceramic
0.009
Alumina
1344-28-1
93
50.1198
53.89
Quartz
14808-60-7
4
2.1557
Magnesium Oxide
1309-48-4
2
1.0778
Calcium Oxide
1305-78-8
1
0.5389
2
Resistive Element
Ink
0.00021
Lead (II) Oxide
1317-36-8
31
0.3898
1.26
Ruthenium (IV) Oxide
12036-10-1
29.6
0.3722
Quartz; SiO2
14808-60-7
16.9
0.2125
Aluminum Oxide
1344-28-1
8.5
0.1069
Boron Oxide
1303-86-2
4.2
0.0528
Calcium Oxide
1305-78-8
4.2
0.0528
Zinc Oxide
1314-13-2
2.8
0.0352
Magnesium Dioxide
1313-13-9
1.4
0.0176
Cupric Oxide
1313-13-9
1.4
0.0176
3
Electrode
Silver Alloy
0.0002
Silver
7440-22-4
67.1
0.8036
2.04
Palladium
7440-05-3
11.2
0.1341
Bismuth Oxide
1304-76-3
9.1
0.1090
Silicon dioxide
14808-60-7
3.1
0.0371
Calcium Oxide
1305-78-8
1.5
0.0180
Lead (II) Oxide
1317-36-8
2
0.0240
Copper
7440-50-8
1.2
0.0144
Boron Oxide
1303-86-2
3.2
0.0383
Cupric Oxide
1317-38-0
1.6
0.0192
Under Plating
0.00004
Nickel
7440-02-0
100
0.2395
Outer Plating
0.0001
Tin
7440-31-5
100
0.5988
Material Number
3302 Series
Product Line
Trimmer
Compliance Date
8-20-2004
RoHS Compliant
Yes DC 534
MSL


Similar Part No. - 3302

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3302 VMI-3302 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Pomona Electronics
3302 POMONA-3302 Datasheet
28Kb / 1P
Shielded Aluminum Box, Size F With BNC Females Both Ends
logo
3M Electronics
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
logo
Bourns Electronic Solut...
3302 BOURNS-3302 Datasheet
186Kb / 1P
2 mm SMD Trimpot짰 Trimming Potentiometer
logo
KR Electronics, Inc.
3302 KR-3302 Datasheet
71Kb / 3P
KR Electronics part number 3302 is a 300 MHz bandpass filter
More results

Similar Description - 3302

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3046_MDS BOURNS-3046_MDS Datasheet
54Kb / 1P
Trimmer
3303 BOURNS-3303 Datasheet
124Kb / 2P
Trimmer
3290_MDS BOURNS-3290_MDS Datasheet
141Kb / 2P
Trimmer
3319_MDS BOURNS-3319_MDS Datasheet
53Kb / 1P
Trimmer
3329_MDS BOURNS-3329_MDS Datasheet
141Kb / 2P
Trimmer
7829S BOURNS-7829S Datasheet
126Kb / 2P
Trimmer
7829H BOURNS-7829H Datasheet
124Kb / 2P
Trimmer
7814023 BOURNS-7814023 Datasheet
119Kb / 2P
Trimmer
7813S BOURNS-7813S Datasheet
204Kb / 2P
Trimmer
7813J BOURNS-7813J Datasheet
202Kb / 2P
Trimmer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com