Electronic Components Datasheet Search
  English  ▼

X  

07010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 07010
Description  Calibration Unit for Testers Installation, Operation and Maintenance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

07010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  07010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 07010 Datasheet HTML 2Page - List of Unclassifed Manufacturers 07010 Datasheet HTML 3Page - List of Unclassifed Manufacturers 07010 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Website: Desco.com
TB-2039
Page 3 of 4
© 2012 DESCO INDUSTRIES, INC.
Employee Owned
Test
Point
Resistance
Value
Test Output
A
675K
FAIL LOW
B
825K
PASS
C
80M
PASS
D
120M
FAIL HIGH
Figure 7. Verifying the calibration of the footwear circuit
in the Combo Tester
WRIST STRAP TOUCH TESTER
1. Plug one of the included test leads into the black banana
jack labeled “E” on the Calibration Unit. Connect the
opposite end of the test lead into one of the yellow
banana jacks located on the Wrist Strap Touch Tester.
Power the Wrist Strap Touch Tester.
Figure 8. Connecting the test lead from banana jack “E”
on the Calibration Unit to one of the banana jacks on the
Wrist Strap Touch Tester
Specifications
Accuracy:
±2%
Dimensions:
3.2" L x 4.4" W x .9" H
(8.1 cm x 11.2 cm x 2.3 cm)
Weight:
4 oz
(.1 kg)
Test
Point
Resistance
Value
Test Output
A
675K
FAIL LOW
B
825K
PASS
C
8.5M
PASS
D
11.5M
FAIL HIGH
Figure 9. Verifying the calibration of the Wrist Strap
Touch Tester
2. Connect the second test lead to the red 675K banana jack
labeled “A” on the Calibration Unit. Touch the opposite
end of the test lead to test plate on the Wrist Strap Touch
Tester to activate the test. Be sure not to touch the
banana plug or test plate with your skin.
3. Observe the response from the Wrist Strap Touch Tester.
The alarm should sound, and the LOW LED should
illuminate red.
4. Repeat the procedure for test points B (825K), C (8.5M)
and D (11.5M). The expected test results can be found in
the following table.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com