Electronic Components Datasheet Search
  English  ▼

X  

16213 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 16213
Description  STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" and .060"||" "559183
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16213 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  16213 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCO WEST:
3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: Desco.com
PHONE (909) 627-8178 FAX (909) 627-7449
DESCO EAST:
ONE COLGATE WAY, CANTON, MA 02021-1407
PHONE (781) 821-8370 FAX (781) 575-0172
Date:
December
2011
Drawing Number
PM-78
STATFREE B™ MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" & .060"
Description:
Statfree B™ meets the minimum recommended worksurface requirement of ANSI/ESD S20.20 of <10E9 ohms. This extruded homogeneous
vinyl dissipative material can be used with either side up. One side has a smooth surface which is easy-to-clean and maintain, and the other has
a non-glare finish which makes it easier to identify small parts. Statfree B™ is easy to cut to configure to fit your requirements. The material is
dimensionally stable with minimum shrinkage or curling.
Statfree B™ has excellent color stability, minimizing discoloration. The 0.100" thick is a better value, providing a longer life and is ideal for general
purpose worksurface matting. The thinner 0.060" material is the economical choice, and is ideal for use on cafeteria-style trays.
Electrical Properties:
Property
Test Method
Value
RTG Resistance:
EOS/ESD S4.1
<10E9 ohms
RTT Resistance:
EOS/ESD S4.1
<10E9 ohms
Electrical Properties obtained by testing to industrial standards by an independent testing laboratory @ 100 Volts and 50% relative humidity unless
otherwise specified. Complete text of the test report is available upon request.
Specifications:
Construction:
Homogeneous extruded thermoplastic vinyl
Thickness:
0.100" (2.5mm) and 0.060" (1.5mm), nominal ±10%
Texture:*
Embossed one side/Smooth backside
Color:
Blue
Hardness:
80 shore A (ASTM D-2240)
Wear Resistance:
Negligible weight loss (750 cycles, Taber CS-17 Method)
*Color, texture, and gauge may vary between lots and mills
Grounding: This material must be properly grounded for optimum electrial performance. Ask for Technical Bulletin TB-2000 for mat grounding
instructions.
Cleaning: For optimum electrical performance, surface must be cleaned regularly using an ESD mat cleaner. We suggest using our Reztore™
Surface & Mat Cleaner Item #10435 or Static-Wipes Item #10600. Do not use cleaners with silicone. Silicone buildup will create an insulative film
on the surface.
Disclaimer:
All statements, technical data, and recommendations
contained herein are based upon tests we believe to be
reliable. However, the accuracy or completeness thereof
is not guaranteed. The proper and correct applications
of products and data is the responsibility of the user.
Statements or recommendations not contained herein
shall have no force or effect unless embodied in a
written agreement signed by authorized officers of Desco
Industries, Inc.
Matting materials have a tendency to shrink slightly
when first unrolled. In applications where length is
critical, allow the material to relax for at least 4 hours
before cutting to size. Always trim with a sharp knife or
razor blade.
© 2011 DESCO INDUSTRIES INC.
Employee Owned
Made in the
United States of America
Limited Warranty:
Desco warrants for one year that Statfree®
matting products will be free of defects
in materials and workmanship and will
guarantee dissipative/conductive mat
properties for the life of the mat. Damage
to matting caused by misuse of any kind,
including using inappropriate cleaners is not
covered by Desco Limited Warranty.
RoHS Compliance Statement
None of the following materials are
intentionally added in manufacturing this
product: lead, mercury, cadmium, hexavalent
chromium, polybrominated biphenyls (PBB)
or polybrominated diphenyl ethers (PBDE) as
outlined in the Directive 2002/95/EC Article
4.1. See Desco Industries Inc. letter on-line at
Desco.com.
Specifications and precedures subject to change without notice.
Size
Item
0.100" x 24" x 100'
16261
0.100" x 30" x 40'
16265
0.100" x 30" x 100'
16266
0.100" x 36" x 40'
16282
0.100" x 36" x 100'
16267
0.100" x 48" x 40'
16283
0.060" x 24" x 100'
16290
0.060" x 30" x 100'
16292
0.060” x 36” x 100’
16291
0.060" x 48" x 100'
16293
Statfree B™ Full Rolls
1 Benchmat, Statfree
B™, size as specified
1 14213, common
point ground kit
Mat Top Kits
Size
Item
24" x 36"
16213
24" x 48"
16214
Tolerances:
Width ± .250"
Length ± .250" every 1 linear foot of running material.
Worksurface mats meet required limits of ANSI/
ESD S20.20 tested per ANSI/ESD S4.1 and ESD
TR53.


Similar Part No. - 16213

ManufacturerPart #DatasheetDescription
logo
Heyco.
16213 HEYCO-16213 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
Festo Corporation.
162131 FESTO-162131 Datasheet
94Kb / 1P
Dual piston rod cylinder
logo
PHOENIX CONTACT
1621316 PHOENIX-1621316 Datasheet
383Kb / 9P
NBC-M12FS/5,0-971/R4AQ VR - Network cable
logo
Festo Corporation.
162132 FESTO-162132 Datasheet
94Kb / 1P
Dual piston rod cylinder
logo
PHOENIX CONTACT
1621325 PHOENIX-1621325 Datasheet
69Kb / 3P
Test plugs - PRC 5-TC-FS6 8-21
More results

Similar Description - 16213

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
4MBI100T-060 FUJI-4MBI100T-060 Datasheet
520Kb / 14P
4MBI100T-060
logo
National Semiconductor ...
LM360MX NSC-LM360MX Datasheet
22Kb / 2P
Homogeneous Material Composition Declaration for Electronic Products
logo
List of Unclassifed Man...
16251 ETC2-16251 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
15011 ETC2-15011 Datasheet
175Kb / 1P
STATFREE CV280 ROLLS AND MATS
16270 ETC2-16270 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" (2.5MM)
66121 ETC2-66121 Datasheet
38Kb / 2P
STATFREE T2 MATERIAL, LEAD-FREE, DISSIPATIVE, RUBBER, 2-LAYER
66030 ETC2-66030 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
logo
Semikron International
SKM800GA125D SEMIKRON-SKM800GA125D_16 Datasheet
444Kb / 6P
Homogeneous Si
SEMIX151GAL12VS SEMIKRON-SEMIX151GAL12VS Datasheet
253Kb / 5P
Homogeneous Si
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com