Electronic Components Datasheet Search
  English  ▼

X  

37621 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 37621
Description  NESTING TOTES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

37621 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  37621 Datasheet HTML 1Page - List of Unclassifed Manufacturers 37621 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
www.protektivepak.com
DRAWING NUMBER
37620
DATE:
5/06
NESTING TOTES
© 2006 DESCO INDUSTRIES INC.
Employee Owned
SPECIFICATIONS
Properties
Typical Values
Test Procedures/Method
Electrostatic Decay
0.01 seconds at 72°F and 11.8% R.H.
FED-STD-101, Method 4046
Surface Resistivity
107 - 108 ohms/sq. after 11 days at 68°F and 12% R.H.
for surface. 103 - 104 ohms/sq. for buried shielding layer
ASTM D257
Surface Resistivity, Low R.H. Cut-off
4% R.H.
Rockwell International Test Report of December 20, 1991
High-Voltage Discharge Resistance
Failure rate 0/5 (no oxide damage in five consecutive tests)
Rockwell International Test Report of December 20, 1991
Static Shielding
99.9% attenuation at 10kV; 99.6% attenuation at 30kV
EIA 541, appendix E, capacitive probe test
Charged Device Model (CDM) Safety
RTG >107 ohms at 86% R.H. or less
Rockwell International Test Report of December 20, 1991
Current-Carrying Hazard
103 mA at 110V; 103 mA at 220V
ESD from A to Z
Corrosivity
Contains 1-3 ppm reducible sulfur
FED-STD-101, Method 3005 for reducible sulfur
Antistat Transfer
No transfer
Rockwell International Test Report of January 8, 1992
Water & Isopropyl Alcohol Extraction
Surface resistivity 108 - 109 ohms/square at 74°F
Rockwell International Test Report of January 8, 1992
Tests for Antistat Permanence
and 36% R.H.
Sloughing Test
Negligible surface damage at 10 cycles and <5% of surface
ASTM D4060 at 70 rpm with CS-17 abrasive-coated
damage at 200 cycles in Taber Abrasion Test.
wheels and 1000 grams load
No conductive particles abrased from surface
Rockwell International Test Report of January 8, 1992
Recyclability
Complete recyclability of package
Rockwell International Test Report of January 8, 1992
Biodegradability
Biodegradation in or on moist soil
Volume Conductivity
Conductivity from wall to wall as well as across surface
Rockwell International Test Report of January 8, 1992
to assure permanence of the antistatic property
Shelf Life
Indefinite
Made in America
Features
• Used to transport or store ESD Sensitive items
• Nesting saves space when storing totes
• Great container for Kanban
W
-----------------------
L
D
RoHS Compliance Statement
None of the following materials are
intentionally added in manufacturing
this product: lead, mercury, cadmium,
hexavalent chromium, polybrominated
biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE) as outlined in
the Directive 2002/95/EC Article 4.1.
See Protektive Pak Inc. letter on-line at
ProtektivePak.com.
See reverse side
for available sizes.


Similar Part No. - 37621

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3762 3M-3762 Datasheet
335Kb / 3P
3M Hot Melt Adhesive
Jul-2016
logo
Heyco.
3762 HEYCO-3762 Datasheet
241Kb / 1P
Nytye®Mounting Platforms
logo
Belden Inc.
3762 BELDEN-3762 Datasheet
369Kb / 2P
7/8" Power Single-Ended Cordset: Female, angled, 3-pin(2PE), orange body, 230 V AC/DC, 12 A; PVC orange cable, 0.75 mm²
logo
3M Electronics
3762LM 3M-3762LM Datasheet
335Kb / 3P
3M Hot Melt Adhesive
Jul-2016
More results

Similar Description - 37621

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ESQT-117-03-L-D-310 SAMTEC-ESQT-117-03-L-D-310 Datasheet
1Mb / 1P
PC/104-PLUS??SELF-NESTING SOCKETS
logo
List of Unclassifed Man...
39150 ETC2-39150 Datasheet
68Kb / 1P
Plastek Stackable Nesting Totes
logo
Samtec, Inc
ESQT SAMTEC-ESQT Datasheet
208Kb / 1P
FLEXIBLE ELEVATED & SELF-NESTING SOCKETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com