Electronic Components Datasheet Search
  English  ▼

X  

37519 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 37519
Description  STORAGE CONTAINERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

37519 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  37519 Datasheet HTML 1Page - List of Unclassifed Manufacturers 37519 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
ProtektivePak.com
DRAWING NUMBER
37500
DATE:
September
2011
STORAGE CONTAINERS
© 2011 DESCO INDUSTRIES INC.
Employee Owned
SPECIFICATIONS
Properties
Typical Values
Test Procedures/Method
Electrostatic Decay
0.01 seconds at 72°F and 11.8% R.H.
FED-STD-101, Method 4046
Surface Resistance
10E6 - 10E8 ohms/sq. after 11 days at 68°F and 12% R.H.
for surface. 10E3 - 10E4 ohms/sq. for buried shielding layer
ASTM D257
Surface Resistance, Low R.H. Cut-off
4% R.H.
Rockwell International Test Report of December 20, 1991
High-Voltage Discharge Resistance
Failure rate 0/5 (no oxide damage in five consecutive tests)
Rockwell International Test Report of December 20, 1991
Static Shielding
99.9% attenuation at 10kV; 99.6% attenuation at 30kV
EIA 541, appendix E, capacitive probe test
Charged Device Model (CDM) Safety
RTG >10E7 ohms at 86% R.H. or less
Rockwell International Test Report of December 20, 1991
Current-Carrying Hazard
10E3 mA at 110V; 10E3 mA at 220V
ESD from A to Z
Corrosivity
Contains 1-3 ppm reducible sulfur
FED-STD-101, Method 3005 for reducible sulfur
Antistat Transfer
No transfer
Rockwell International Test Report of January 8, 1992
Water & Isopropyl Alcohol Extraction
Surface resistance 10E8 - 10E9 ohms/square at 74°F
Rockwell International Test Report of January 8, 1992
Tests for Antistat Permanence
and 36% R.H.
Sloughing Test
Negligible surface damage at 10 cycles and <5% of surface
ASTM D4060 at 70 rpm with CS-17 abrasive-coated
damage at 200 cycles in Taber Abrasion Test.
wheels and 1000 grams load
No conductive particles abrased from surface
Rockwell International Test Report of January 8, 1992
Recyclability
Complete recyclability of package
Rockwell International Test Report of January 8, 1992
Biodegradability
Biodegradation in or on moist soil
Volume Conductivity
Conductivity from wall to wall as well as across surface
Rockwell International Test Report of January 8, 1992
to assure permanence of the antistatic property
Shelf Life
Indefinite
Made in the
United States of America
Features
•
Provides ESD and physical protection for ESD sensitive compnonets; with lid
in place, shielding creates “Faraday Cage” restricting electrostatic charges to
exterior to ship or store ESD sensitive items outside an ESD protected area
•
Available with optional lid, steel reinforcing frame for additional strength and
durability, ESD handles, and permanently static dissipative bottom foam pad
for cushioning
•
Impregnated corrugated material; greater durability than coated or printed
material
•
Constructed with double sides, double (boxes under 6” deep) or triple (boxes
over 6” deep) ends, and single (boxes under 6” deep) or double (boxes over
6” deep) thickness bottom for greater durability
•
Static dissiapative surface of 10E6 - 10E8 ohms - minimizing the potential of
rapid discharge or sparking
•
Buried shielding layer minimizing the potential of sloughing and rub-off
contamination
•
Made from 100% recycled material, and is 100% recyclable
•
No tooling cost
•
Easy assebmly without the need for tape, glue, or staples
•
Reusable, ensuring low cost
See reverse side for
available sizes.
- -
- -
- -
- -
- -
- -
-
W
- -
- -
- -
- -
- -
- -
- -
- -
- -
- -
-
D
L


Similar Part No. - 37519

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3751 ETC1-3751 Datasheet
48Kb / 1P
4700
logo
Pomona Electronics
3751 POMONA-3751 Datasheet
25Kb / 1P
Miniature Size Aluminum Box With Cover BNC Female/Female
logo
Adafruit Industries
3751 ADAFRUIT-3751 Datasheet
461Kb / 2P
PLA Filament for 3D Printers - 2.85mm Diameter - Black - 1.0Kg - MeltInk
4-3-18
logo
Aavid, Thermal Division...
375124B00032G AAVID-375124B00032G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
375124B00032G AAVID-375124B00032G Datasheet
8Mb / 116P
How to Use This Catalog
More results

Similar Description - 37519

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII5734 SILICONIMAGE-SII5734 Datasheet
324Kb / 2P
SteelVine??Storage Processor
logo
Omron Electronics LLC
E3SCR62C OMRON-E3SCR62C Datasheet
349Kb / 7P
Ideal for Detecting Transparent Glass and Plastic Containers
logo
List of Unclassifed Man...
39111 ETC2-39111 Datasheet
46Kb / 1P
Plastek Storage Containers
39101 ETC2-39101 Datasheet
46Kb / 1P
Plastek Storage Containers
logo
Wurth Elektronik GmbH &...
74406032010 WURTH-74406032010 Datasheet
324Kb / 5P
Storage Temperature
logo
Silicon Laboratories
SI50122-A3 SILABS-SI50122-A3 Datasheet
1Mb / 14P
Network Attached Storage
logo
NEC
D4 NEC-D4 Datasheet
880Kb / 2P
SAN STORAGE
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
logo
Schurter Inc.
DSHP SCHURTER-DSHP_V01 Datasheet
214Kb / 2P
Storage Choke, compact
14.09.2021
logo
Toshiba Semiconductor
TX58TEGXDDKTAX0 TOSHIBA-TX58TEGXDDKTAX0 Datasheet
2Mb / 121P
Semiconductor & Storage Products
2013-07-10 Rev. 0.6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com