Electronic Components Datasheet Search
  English  ▼

X  

TP88 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP88
Description  78 and 88V Automotive Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP88 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP88 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP88 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
88V/A - Automotive Meter Combo Kit
78 and 88V Automotive Meters
Perhaps the most important tool you'll use
in troubleshooting auto electrical systems
is the multimeter. Basic multimeters
measure voltage, current and resistance,
while automotive multimeters like the
Fluke 78 or Fluke 88V have features that
can check things such as frequency,
duty cycle, make diode tests, and
measure temperature, pressure and
vacuum.
Included Accessories
Fluke 88V/A: H80M Holster with TPAK
Meter Hanging Solution, TL224 SureGrip
Silicone Test Lead Set, TP220 SureGrip
Test Probe Set, AC285 SureGrip Large Jaw
Alligator Clip Set, 80BK Integrated
Temperature Probe, RPM80 Inductive Pick-
up Probe, 2 Automotive Back Probe Pins,
Insulation Piercing Clip, C800 Hard Case,
User's Manual + Quick Reference Guide
Fluke 78: C70Y Holster, TL75 Test Lead
Set, AC72 Alligator Clip Set, 80BK
Integrated Temperature Probe, User's
Manual + Quick Reference Guide
Ordering Information
Fluke 88V/A Automotive Meter Combo Kit
Fluke 78
Automotive Meter
Features
Continuity for detecting open and shorts
Frequency for "pulsed-DC" and AC tests
Duty cycle to verify operation of feedback carburetors
Diode test for alternator testing
Built-in thermometer; thermocouple probe included
Min/Max Recording
Min/Max/Average recording with Min/Max Alert
Peak capture to record transients as fast as 250 µs
Relative mode to remove test lead resistance from low ohms
measurements
Millisecond pulse width measurements for fuel injectors
AutoHOLD to capture stable readings
Large display with bright, two-level backlight
Magnet hanger to attach meter to the vehicle
RPM80 Inductive Pickup for both conventional and
distributorless (DIS) ignitions
Hard Meter Case
Safety rating
Fluke 78
Fluke 88V
Range
Resolution
Accuracy
Range
Resolution
Accuracy
300V
0.1mV
0.3%
1000V
0.01mV
0.1%
300V
1mV
2.5%
1000V (5 kHz)
0.01mV
0.5%
10A1mA
1%
10A
0.01µA
0.4%
10A
10mA
2%10A
0.01µA
1.2%
40M
Ω
0.1
Ω
0.5%
40
Ω
0.01
Ω
0.4%
10mF
0.01nF
1%
100kHz
0.01Hz
0.1%
200kHz
0.01Hz
0.01%
1000ºC
1ºC
1%
1090ºC
0.1ºC
1%
Voltage DC
Voltage AC
Current DC
Current AC
Resistance
Capacitance
Frequency
Temperature
Specifications
Battery Life: 88V – Over 400 hours typical
(alkaline)
78 - 2000 hours typical
Weight: 88V – 0.6 kg; 78 – 0.42 kg
Lifetime Warranty
Size (HxWxD): 88V - 200 mm x 95 mm x 48 mm
78 - 190 mm x 89 mm x 45 mm
On all inputs
Fluke 88
Fluke 88V
●●
●●
●●
●●
●●
●
●
●
●
●
●
●
●
●
●
78
88V/A
optional
Cat II 300 V
CAT III 1000V,
CAT IV 600 V
The right meters for auto-electric diagnosis
Fluke 78


Similar Part No. - TP88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP8815 ETC-TP8815 Datasheet
373Kb / 35P
MOUSE CONTROLLER
TP8825 ETC-TP8825 Datasheet
373Kb / 35P
MOUSE CONTROLLER
TP8833 ETC-TP8833 Datasheet
373Kb / 35P
MOUSE CONTROLLER
TP8833AP ETC-TP8833AP Datasheet
373Kb / 35P
MOUSE CONTROLLER
TP8835 ETC-TP8835 Datasheet
373Kb / 35P
MOUSE CONTROLLER
More results

Similar Description - TP88

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
B148 IVO-B148 Datasheet
335Kb / 2P
Time and hours meters electromechanic
B160 IVO-B160 Datasheet
347Kb / 2P
Time and hours meters electromechanic
BE134 IVO-BE134 Datasheet
427Kb / 2P
Time and hours meters electronic
ISI34 IVO-ISI34 Datasheet
580Kb / 4P
Time and hours meters electronic
logo
Honeywell Accelerometer...
28100 HONEYWELL-ACC-28100 Datasheet
347Kb / 6P
Other AC and DC Meters Available
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
RF and Microwave Power Sensors/Meters
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
P-Series Power Meters and
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
P-Series Power Meters and
logo
Amphenol Wilcoxon Sensi...
PCD100 WILCOXON-PCD100 Datasheet
419Kb / 4P
Process and temperature meters
Rev.A 08/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com