Electronic Components Datasheet Search
  English  ▼

X  

2375-1 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 2375-1
Description  Directional Couplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

2375-1 Datasheet(HTML) 2 Page - API Technologies Corp

  2375-1 Datasheet HTML 1Page - API Technologies Corp 2375-1 Datasheet HTML 2Page - API Technologies Corp 2375-1 Datasheet HTML 3Page - API Technologies Corp 2375-1 Datasheet HTML 4Page - API Technologies Corp 2375-1 Datasheet HTML 5Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
hybrids
SpectrumMicrowave.com • 1.603.459.1600
All dimensions shown in decimal inches (mm). Specifications subject to change without notice.
For mounting instructions, additional specifications or other products, visit us online or contact the factory.
1
Maximum loss is the actual dissipative loss and
reflective loss due to VSWR. It does NOT include
coupling loss.
2
Unbalance is measured as the difference between
the coupled and mainline output ports from the
mean coupling at each frequency.
Part
Number*
DC751
2375-1
DC752
2375-2
DC752E
DC754
2375-4
2375-7
2375-9
Frequency
(GHz)
0.5-1
0.5-2
1-2
1-4
1.3-2.6
4-8
4-12.4
1-18
2-18
Insertion Loss1
Max. (dB)
0.15
0.4
0.2
0.4
0.2
0.3
0.4
0.8 (1-6 GHz)
1.2 (6-12 GHz)
1.6 (12-18 GHz)
0.6 (2-6 GHz)
1.0 (6-12.4 GHz)
1.25 (12.4-18 GHz)
VSWR Max.
1.1:1
1.15:1
1.1:1
1.25:1
1.15:1
1.25:1
1.35:1
1.50:1
1.45:1
Isolation
Min. (dB)
25
24
25
22
25
20
18
15
20
20
16
Deviation from
Phase Quadrature Typ. (°)
±1.5
±2.0
±1.5
±3.0
±2.0
±2.0
±5.0
±10.0
±8.0
100
50
100
50
100
100
50
50
50
3.0
1.5
3.0
1.5
3.0
3.0
1.5
1.5
1.5
Power Handling
Average @ 1GHz (W)
Peak (kW)
Outline
A
A
A
A
A
A
A
B
B
3 dB 90° Crossover Hybrid Couplers
• SMA connectors
• Unbalance: 1 dB Max.2 Except 2375-7
and -9 at 2.2 dB Max.
• Meets MIL-E-5400 Class 3 or equivalent
• Screenable to MIL-P-23971 or equivalent
Part
Number*
Dim. A
Dim. B
3.27 (83,1)
1.84 (46,7)
1.57 (39,9)
1.06 (26,9)
5.36 (136,1)
2.97 (75,4)
1.31 (33,3)
3.13 (79,5)
1.70 (43,2)
1.43 (36,3)
.92 (23,4)
5.22 (132,6)
2.83 (71,9)
1.17 (29,7)
DC751
DC752
DC752E
DC754
2375-1
2375-2
2375-4
Part
Number*
Dim. A
Dim. B
2.53 (64,3)
2.03 (51,6)
2.03 (51,6)
1.53 (38,9)
2375-7
2375-9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com