Electronic Components Datasheet Search
  English  ▼

X  

ISD1932 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ISD1932
Description  SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD1932 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ISD1932 Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD1932 Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD1932 Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD1932 Datasheet HTML 20Page - List of Unclassifed Manufacturers ISD1932 Datasheet HTML 21Page - List of Unclassifed Manufacturers ISD1932 Datasheet HTML 22Page - List of Unclassifed Manufacturers ISD1932 Datasheet HTML 23Page - List of Unclassifed Manufacturers ISD1932 Datasheet HTML 24Page - List of Unclassifed Manufacturers ISD1932 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ISD1900
Publication Release Date: Jan 5, 2009
Revision 0.51
21
7.
6
ABSOLUTE MAXIMUM RATINGS
[1]
ABSOLUTE MAXIMUM RATINGS
CONDITION
VALUE
Junction temperature
150°C
Storage temperature range
-65°C to +150°C
Voltage applied to any pins
(VSS – 0.3V) to (VCC + 0.3V)
Voltage applied to Input pins (current limited to +/-20 mA)
(VSS – 1.0V) to (VCC + 1.0V)
Voltage applied to output pins (current limited to +/-20 mA)
(VSS – 1.0V) to (VCC + 1.0V)
VCC – VSS
-0.3V to +7.0V
[1] Stresses above those listed may cause permanent damage to the device. Exposure to the absolute
maximum ratings may affect device reliability and performance. Functional operation is not implied at these
conditions.
7.1.
17
OPERATING CONDITIONS
OPERATING CONDITIONS
CONDITION
VALUE
Operating temperature range
0°C to +50°C
Operating voltage (VCC)
[1]
+2.4V to +5.5V
Ground voltage (VSS)
[2]
0V
[1] V
CC = VCCA = VCCD
[2] V
SS = VSSA = VSSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com