Electronic Components Datasheet Search
  English  ▼

X  

LM61 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM61
Description  LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM61 Datasheet(HTML) 2 Page - Texas Instruments

  LM61 Datasheet HTML 1Page - Texas Instruments LM61 Datasheet HTML 2Page - Texas Instruments LM61 Datasheet HTML 3Page - Texas Instruments LM61 Datasheet HTML 4Page - Texas Instruments LM61 Datasheet HTML 5Page - Texas Instruments LM61 Datasheet HTML 6Page - Texas Instruments LM61 Datasheet HTML 7Page - Texas Instruments LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM61
SNIS121I – JUNE 1999 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL APPLICATION
A.
VO = (+10 mV/°C × T °C) + 600 mV
Figure 1. Full-Range Centigrade Temperature Sensor (
−30°C to +100°C) Operating from
a Single Li-Ion Battery Cell
Table 2. Temperature and Typical VO Values of Figure 1
TEMPERATURE (T)
TYPICAL VO
+100°C
+1600 mV
+85°C
+1450 mV
+25°C
+850 mV
0°C
+600 mV
−25°C
+350 mV
−30°C
+300 mV
CONNECTION DIAGRAMS
Figure 2. SOT-23 (Top View)
Figure 3. TO-92 (Bottom View)
See Package Number DBZ0003A
See Package Number LP0003A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com