Electronic Components Datasheet Search
  English  ▼

X  

SP431AS89RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SP431AS89RGB
Description  High Voltage Adjustable Precision Shunt Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP431AS89RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SP431AS89RGB Datasheet HTML 1Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 2Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 3Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 4Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 5Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 6Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 7Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 8Page - SYNC POWER Crop. SP431AS89RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2013/03/13
Ver.4
Page 2
SP431
High Voltage Adjustable Precision Shunt Regulators
DESCRIPTION
APPLICATIONS
The
SP431
is
high-voltage
three-terminal
adjustable voltage references, with specified
thermal stability over applicable industrial and
commercial temperature ranges. Output voltage
can be set to any value between VREF (2.5V) and
36V with two external resistors. These devices
have a typical output impedance of 0.25Ω. Active
output circuitry provides a very sharp turn-on
characteristic,
making
the
SP431
excellent
replacements for low-voltage Zener diodes in
many applications, including onboard regulation
and adjustable power supplies.
Battery Power Equipment
Linear Regulators
Switch Power Supply
Cellular Phone
Digital Cameras
Computer Disk Drivers
Instrumentation
FEATURES
PIN CONFIGURATION
Low Output Noise
Adjustable Output Voltage, VO = Vref
to
36 V
Low Operational Cathode Current
0.25Ω Typical Output Impedance
( SOT-23 )
( SOT-89 )
( TO-92 )
PART MARKING
( SOT-23 )
( SOT-89 )
( TO-92 )


Similar Part No. - SP431AS89RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP431A SYNC-POWER-SP431A Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
SP431AT92AG SYNC-POWER-SP431AT92AG Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
More results

Similar Description - SP431AS89RGB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
Low Voltage Adjustable Precision Shunt Regulators
logo
ACE Technology Co., LTD...
ACE431N ACE-ACE431N Datasheet
2Mb / 14P
High Voltage Adjustable Precision Shunt Regulators
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com