Electronic Components Datasheet Search
  English  ▼

X  

MLN2030SS Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MLN2030SS
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MLN2030SS Datasheet(HTML) 1 Page - Advanced Semiconductor

  MLN2030SS Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
35
V
BVCER
IC = 50 mA
RBE = 10
Ω
60
V
BVEBO
IE = 10 mA
4.0
V
ICES
VE = 28 V
5
mA
hFE
VCE = 5.0 V
IC = 1.0 A
10
100
---
Cob
VCB = 28 V
f = 1.0 MHz
5.0
pF
PGE
VCE = 18 V
ICQ = 220 mA
f = 2.0 GHz
POUT = 1.0 W
10
dB
NPN SILICON RF POWER TRANSISTOR
MLN2030SS
DESCRIPTION:
The
ASI MLN2030SS is Designed
for
FEATURES:
•
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
10 A
VCB
60 V
VCE
35 V
PDISS
140 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
20
OC/W
PACKAGE STYLE .205 4L STUD
ORDER CODE: ASI10633
A
B
H
E
F
.098 / 2.500
.161 / 4.100
.028 / 0.700
.976 / 24.800
.138 / 3.500
.976 / 24.800
inches / mm
MINIMUM
A
G
F
E
D
C
B
1.000 / 25.4000
.110 / 2.800
.196 / 5.000
1.000 / 25.4000
MAXIMUM
inches / mm
.031 / 0.800
C
D
H
I
J
.200 / 5.100
.425 / 10.800
.004 / 0.100
.006 / 0.150
.465 / 11.800
2.05 / 5.200
G
J
#8-32UNC
.200 / 5.100
.208 / 5.300
DIM


Similar Part No. - MLN2030SS

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MLN2030SS ASI-MLN2030SS Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. B
MLN2030SS ASI-MLN2030SS_07 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. B
More results

Similar Description - MLN2030SS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com