Electronic Components Datasheet Search
  English  ▼

X  

ADP3301 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3301
Description  High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3301 Datasheet(HTML) 8 Page - Analog Devices

  ADP3301 Datasheet HTML 1Page - Analog Devices ADP3301 Datasheet HTML 2Page - Analog Devices ADP3301 Datasheet HTML 3Page - Analog Devices ADP3301 Datasheet HTML 4Page - Analog Devices ADP3301 Datasheet HTML 5Page - Analog Devices ADP3301 Datasheet HTML 6Page - Analog Devices ADP3301 Datasheet HTML 7Page - Analog Devices ADP3301 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADP3303
–8–
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Small Outline IC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
ADP3303-5.0
OUT
IN
GND
OUTPUT SELECT
5V
0V
C1
1.0 F
ADP3303-3.3
OUT
IN
GND
C2
0.47 F
VOUT = 5V/3.3V
VIN = 5.5V TO 12V
SD
SD
Figure 23. Crossover Switch
Higher Output Current
The ADP3303 can source up to 200 mA without any heatsink
or pass transistor. If higher current is needed, an appropriate
pass transistor can be used, as in Figure 24, to increase the
output current to 1 A.
VIN = 6V TO 8V
VOUT = 5V @ 1A
MJE253*
C2
10 F
C1
47 F
R1
50
*AAVID531002 HEATSINK IS USED
IN
OUT
ERR
GND
SD
ADP3303-5
Figure 24. High Output Current Linear Regulator
Constant Dropout Post Regulator
The circuit in Figure 25 provides high precision with low drop-
out for any regulated output voltage. It significantly reduces the
ripple from a switching regulator while providing a constant
dropout voltage, which limits the power dissipation of the LDO
to 60 mW. The ADP3000 used in this circuit is a switching
regulator in the step-up configuration.
D1
1N5817
C2
100 F
10V
L1
6.8 H
R1
120
ADP3303-3.3
IN
SD
OUT
GND
C3
2.2 F
3.3V @ 160mA
C1
100 F
10V
ADP3000-ADJ
ILIM
VIN
SW1
GND
SW2
FB
VIN = 2.5V TO 3.5V
R2
30.1k
1%
Q1
2N3906
Q2
2N3906
R4
274k
R3
124k
1%
Figure 25. Constant Dropout Post Regulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com