Electronic Components Datasheet Search
  English  ▼

X  

ADP3302 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3302
Description  High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3302 Datasheet(HTML) 4 Page - Analog Devices

  ADP3302 Datasheet HTML 1Page - Analog Devices ADP3302 Datasheet HTML 2Page - Analog Devices ADP3302 Datasheet HTML 3Page - Analog Devices ADP3302 Datasheet HTML 4Page - Analog Devices ADP3302 Datasheet HTML 5Page - Analog Devices ADP3302 Datasheet HTML 6Page - Analog Devices ADP3302 Datasheet HTML 7Page - Analog Devices ADP3302 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP3303
–4–
REV. A
–Typical Performance Characteristics
INPUT VOLTAGE – Volts
3.3005
3.2985
3.2970
3.3 4
16
5
6
7
8
9 10 11 1213 1415
3.3000
3.2995
3.2980
3.2975
3.2990
VOUT = 3.3V
IL = 0mA
IL = 10mA
IL = 200mA
IL = 100mA
Figure 2. Line Regulation: Output
Voltage vs. Supply Voltage
OUTPUT LOAD – mA
1600
800
200
0
20
200
40
60
80 100 120 140 160 180
1400
1200
600
400
1000
IL = 0 TO 200mA
Figure 5. Quiescent Current vs. Load
Current
OUTPUT LOAD – mA
0
20
200
40
60
80 100 120 140 160 180
180
160
0
80
60
40
20
140
100
120
Figure 8. Dropout Voltage vs. Output
Current
OUTPUT LOAD – mA
3.2005
3.1990
3.1975
0
20
200
40
60
80 100 120 140 160 180
3.2000
3.1995
3.1985
3.1980
VIN = 7V
VOUT = 3.2V
Figure 3. Output Voltage vs. Load
Current
TEMPERATURE – C
0.2
–0.4
–45 –25
135
–5
15
35
75
95
115
55
0.1
0.0
–0.1
–0.2
–0.3
IL = 0mA
Figure 6. Output Voltage Variation
% vs. Temperature
INPUT VOLTAGE – Volts
5
0
03
0
43
2
4
2
1
3
2
11
RL = 16.5
VOUT = 3.3V
Figure 9. Power-Up/Power-Down
INPUT VOLTAGE – Volts
1.0
0.8
0
0
2
4
6
8
12
14
16
10
0.6
0.4
0.2
VOUT = 3.3V
IL = 0mA
Figure 4. Quiescent Current vs.
Supply Voltage
TEMPERATURE – C
2500
2000
0
–25
–5
135
15
35
55
75
95
115
1500
1000
500
VIN = 7V
IL = 200mA
IL = 0mA
Figure 7. Quiescent Current vs.
Temperature
TIME –
s
0
0
100
200
2.0
VSD = VIN OR 3V
CL = 0.47 F
RL = 16.5
VOUT = 3.3V
1.0
3.0
4.0
5.0
6.0
7.0
8.0
20
40
60
80
120 140 160 180
VIN
VOUT
Figure 10. Power-Up Transient



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com