Electronic Components Datasheet Search
  English  ▼

X  

ADR03ARZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADR03ARZ
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR03ARZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR03ARZ Datasheet HTML 12Page - Analog Devices ADR03ARZ Datasheet HTML 13Page - Analog Devices ADR03ARZ Datasheet HTML 14Page - Analog Devices ADR03ARZ Datasheet HTML 15Page - Analog Devices ADR03ARZ Datasheet HTML 16Page - Analog Devices ADR03ARZ Datasheet HTML 17Page - Analog Devices ADR03ARZ Datasheet HTML 18Page - Analog Devices ADR03ARZ Datasheet HTML 19Page - Analog Devices ADR03ARZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Data Sheet
Rev. R | Page 16 of 20
125
25
50
75
100
0.40
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
–25
0
–50
VIN = 15V
SAMPLE SIZE = 5
TEMPERATURE (°C)
ΔV
TEMP /ΔT ≈ 1.96mV/°C
Figure 36. Voltage at TEMP Pin vs. Temperature
The TEMP function is provided as a convenience rather than a
precise feature. Because the voltage at the TEMP node is
acquired from the band gap core, current pulling from this pin
has a significant effect on VOUT. Care must be taken to buffer the
TEMP output with a suitable low bias current op amp, such as
the AD8601, AD820, or OP1177, all of which result in less than
a 100 µV change in ∆VOUT (see Figure 37). Without buffering,
even tens of microamps drawn from the TEMP pin can cause
VOUT to fall out of specification.
U2
15V
U1
ADR01/
ADR02/
ADR03/
ADR06
VIN
VOUT
TEMP TRIM
GND
VO
V–
V+
OP1177
VTEMP
1.9mV/°C
VIN
Figure 37. Temperature Monitoring
LOW COST CURRENT SOURCE
Unlike most references, the ADR01/ADR02/ADR03/ADR06
employ an NPN Darlington in which the quiescent current
remains constant with respect to the load current, as shown in
Figure 23. As a result, a current source can be configured as
shown in Figure 38 where ISET = (VOUT − VL)/RSET. IL is simply
the sum of ISET and IQ. Although simple, IQ varies typically from
0.55 mA to 0.65 mA, limiting this circuit to general-purpose
applications.
ADR01/
ADR02/
ADR03/
ADR06
VOUT
GND
VIN
IIN
ISET = (VOUT – VL)/RSET
RSET
IQ ≈ 0.6mA
IL = ISET + IQ
VL
RL
Figure 38. Low Cost Current Source
PRECISION CURRENT SOURCE WITH
ADJUSTABLE OUTPUT
Alternatively, a precision current source can be implemented
with the circuit shown in Figure 39. By adding a mechanical or
digital potentiometer, this circuit becomes an adjustable current
source. If a digital potentiometer is used, the load current is
simply the voltage across Terminal B to Terminal W of the
digital potentiometer divided by RSET.
SET
REF
L
R
D
V
I
×
=
(1)
where D is the decimal equivalent of the digital potentiometer
input code.
U2
+12V
–12V
W
B
A
U1
ADR01/
ADR02/
ADR03/
ADR06
VIN
VOUT
TEMP TRIM
GND
V–
V+
OP1177
–5V TO VL
AD5201
0V TO (5V + VL)
+12V
RSET
1kΩ
RL
IL
VL
1kΩ
100k
Ω
Figure 39. Programmable 0 mA to 5 mA Current Source
To optimize the resolution of this circuit, dual-supply op amps
should be used because the ground potential of ADR02 can
swing from −5.0 V at zero scale to VL at full scale of the
potentiometer setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com