Electronic Components Datasheet Search
  English  ▼

X  

MCEPI-08 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCEPI-08
Description  Dual In Line Switches - Piano Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCEPI-08 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCEPI-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCEPI-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCEPI-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCEPI-08 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCEPI-08 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCEPI-08 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
19/01/12
19/01/12
02/02/12
Jagan
Farnell
RELEASED
MCEP Series
Important Notice : This data sheet and its contents (the "Information") belong to the mem-
bers of the Premier Farnell group of companies (the "Group") or are licensed to it. No
licence is granted for the use of it other than for information purposes in connection with
the products to which it relates. No licence of any intellectual property rights is granted. The
Information is subject to change without notice and replaces all data sheets previously sup-
plied. The Information supplied is believed to be accurate but the Group assumes no
responsibility for its accuracy or completeness, any error in or omission from it or for any
use made of it. Users of this data sheet should check for themselves the Information and
the suitability of the products for their purpose and not make any assumptions based on
information included or omitted. Liability for loss or damage resulting from any reliance on
the Information or use of it (including liability resulting from negligence or where the Group
was aware of the possibility of such loss or damage arising) is excluded. This will not oper-
ate to limit or restrict the Group's liability for death or personal injury resulting from its negli-
gence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
TOLERANCES:
DRAWN BY:
Ashok
Veena
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Dual In Line Switches - Piano Type
EPI(M)-V_DWG
M10000816
19/01/12
DATE:
SIZE
SCALE: NTS
U.O.M.: mm (Inches)
SHEET:
3
OF 6
DWG NO.
ELECTRONIC FILE
REV
A
A
DATE:
02/02/12
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Ashok
19/01/12
Specifications:
Mechanical:
Maximum operating force
: 800 gf
Operating temperature range
: -20°C to +85°C
Storage temperature range
: -40°C to +85°C
Mechanical life
: 2,000 cycles
Electrical:
Electrical life
: 2,000 cycles
Rating
: 25 mA, 24 V dc
Maximum contact resistance
: 100 m
Ω at 500 V dc
Maximum insulation resistance
: 100 M
Ω at 500 V dc
Dielectric strength
: 500 V ac/1 minute
Circuit
: Single pole and single throw
Materials:
Cover
: UL 94V-0 Nylon high temperature thermoplastic
Colour : Black
Base
: UL 94V-0 Nylon high temperature thermoplastic
Colour : Black
Stem
: UL 94V-0 Nylon high temperature thermoplastic
Colour : White
Contact
: Alloy copper with gold cladding
Terminal
: Brass with gold cladding



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com