Electronic Components Datasheet Search
  English  ▼

X  

MF-MSMF010 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-MSMF010
Description  MF-MSMF Series - PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF010 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-MSMF010 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMF010 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMF010 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMF010 Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSMF010 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
MF - MSMF 075/24 - 2
Multifuse® Product
Designator
Series
MSMF = 4532 mm (1812 mils)
Surface Mount Component
Hold Current, Ihold
010-260 (0.10 Amps - 2.60 Amps)
Higher Voltage Option
__ = Standard Voltage
/16 = 16 Volt Rated
/24 = 24 Volt Rated
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Time to Trip at 23 ˚C
MF-MSMF Series - PTC Resettable Fuses
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION EXAMPLES:
MF-MSMF050 = 50
MF-MSMF075 = 75
MF-MSMF110 = 11
MF-MSMF150 = 15
DATE CODE:
WEEK 1 AND 2 OF 2003 = 3A
WEEK 51 AND 52 OF 2003 = 3Z
MANUFACTURER'S
TRADEMARK
0.01
0.001
0.1
1
10
100
0.1
1
10
100
Fault Current (Amps)
MF-MSMF020
MF-MSMF050
MF-MSMF200
MF-MSMF030
MF-MSMF075/24
MF-MSMF010
MF-MSMF014
MF-MSMF075
MF-MSMF110
MF-MSMF150
MF-MSMF160
MF-MSMF250/16
MF-MSMF260
MF-MSMF125
MF-MSMF110/16
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder Reflow Recommendations
Notes:
• MF-MSMF models cannot be wave soldered.
• If reflow temperatures exceed the recommended profile, devices may not meet the performance
requirements.
• Compatible with Pb and Pb-free solder reflow profiles.
The Time to Trip curves represent typical performance of a device in a simulated application
environment. Actual performance in specific customer applications may differ from these values due
to the influence of other variables.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com