Electronic Components Datasheet Search
  English  ▼

X  

MF-MSMF050 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-MSMF050
Description  MF-MSMF Series - PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF050 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-MSMF050 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMF050 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMF050 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMF050 Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSMF050 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Dimensions
Packaging:
MF-MSMF010 through MF-MSMF030 = 1500 pcs. per reel.
MF-MSMF050 through MF-MSMF200 & MF-MSMF260 = 2000 pcs. per reel.
MF-MSMF250/16 = 1000 pcs. per reel.
MF-MSMF Series - PTC Resettable Fuses
AB
C
D
Model
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-MSMF010
4.37
4.73
3.07
3.41
0.70
1.10
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.028)
(0.043)
(0.012)
MF-MSMF014
4.37
4.73
3.07
3.41
0.70
1.10
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.028)
(0.043)
(0.012)
MF-MSMF020
4.37
4.73
3.07
3.41
0.70
1.10
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.028)
(0.043)
(0.012)
MF-MSMF030
4.37
4.73
3.07
3.41
0.70
1.10
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.028)
(0.043)
(0.012)
MF-MSMF050
4.37
4.73
3.07
3.41
0.55
0.85
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.015)
(0.033)
(0.012)
MF-MSMF075
4.37
4.73
3.07
3.41
0.55
0.85
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.015)
(0.033)
(0.012)
MF-MSMF075/24
4.37
4.73
3.07
3.41
0.55
0.85
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.015)
(0.033)
(0.012)
MF-MSMF110
4.37
4.73
3.07
3.41
0.45
0.75
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.018)
(0.030)
(0.012)
MF-MSMF110/16
4.37
4.73
3.07
3.41
0.45
0.75
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.018)
(0.030)
(0.012)
MF-MSMF125
4.37
4.73
3.07
3.41
0.55
0.85
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.015)
(0.033)
(0.012)
MF-MSMF150
4.37
4.73
3.07
3.41
0.55
0.85
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.015)
(0.033)
(0.012)
MF-MSMF160
4.37
4.73
3.07
3.41
0.55
0.85
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.015)
(0.033)
(0.012)
MF-MSMF200
4.37
4.73
3.07
3.41
0.55
0.85
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.015)
(0.033)
(0.012)
MF-MSMF250/16
4.37
4.73
3.07
3.41
1.00
2.00
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.039)
(0.078)
(0.012)
MF-MSMF260
4.37
4.73
3.07
3.41
0.48
0.85
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.019)
(0.033)
(0.012)
Additional Features
■
Standard 4532 mm (1812 mils) footprint
■
Symmetrical design
■
Patents pending
MM
(INCHES)
UNIT =
Terminal material:
Electroless Ni under immersion Au
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
A
B
C
Top and Bottom View
Side View
D
Recommended Pad Layout
3.2 ± 0.1
(0.126 ± .004)
2.7 ± 0.1
(.106 ± .004)
1.5 ± 0.05
(.059 ± .002)
1.5 ± 0.05
(.059 ± .002)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com