Electronic Components Datasheet Search
  English  ▼

X  

HG1-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HG1-3
Description  HellermannTyton Product Safety Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HG1-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HG1-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HG1-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers HG1-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers HG1-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HellermannTyton
Product Safety Data Sheet
1.
IDENTIFICATION OF THE SUBSTANCE/PREPARATION & COMPANY/UNDERTAKING
PRODUCT NAME:
Helagrip and Ovalgrip Markers
Address/Phone No:
Hellermann Tyton
International Medical and Technology Park
William Prance Road
Plymouth
Devon
PL2 3NX
(01752) 701261
PSDS-59 Issue 4
Page 1 of 1
Date: October 2011
2. HAZARDOUS IDENTIFICATION
Under normal conditions of use, harmful effects are unlikely.
3. COMPOSITION/INFORMATION OF INGREDIENTS
PRODUCT DESCRIPTION: Flexible PVC tubing and cable markers
HAZARDOUS INGREDIENT(S)
CAS No.
%(w/w)
Symbol
R Phrases
Antimony Trioxide
1309-64-4
<10%
Xn
R40
4. FIRST-AID MEASURES
Inhalation:
If burning, remove from source of noxious fumes. Administer artificial respiration or
oxygen if necessary. Seek medical attention.
Skin Contact:
Drench the skin with plenty of cold water and cover with a clean dressing. Do not
attempt to remove molten material. Have any burns treated by a physician.
Eye Contact:
Irrigate thoroughly with water for at least 10 minutes. Obtain medical attention.
Ingestion:
Do not ingest. If ingested, seek medical help.
5. FIRE-FIGHTING MEASURES
Extinguishing Media:
Dry powder, water mist, foam.
Fire Fighting Protective Equipment:
In a fire situation, toxic and corrosive vapours will be evolved
and self-contained breathing apparatus should be worn.


Similar Part No. - HG1-3

ManufacturerPart #DatasheetDescription
logo
Comus International
HG1002 COMUS-HG1002 Datasheet
304Kb / 1P
Magnetic Reed Relay - Single pole - Form D - Mercury wetted contacts
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Infinite Electronics In...
HG102PS-NMO L-COM-HG102PS-NMO Datasheet
39Kb / 1P
HG102PS-NMO
07/16/2019
HG10382DU-GPS L-COM-HG10382DU-GPS Datasheet
682Kb / 8P
Dual Band Duplexed Antenna Kit with GPS 108-174 380-870 MHz NMO Mount/N Type Connectors
08/08/2019
HG1038DU L-COM-HG1038DU Datasheet
102Kb / 1P
HG1038DU
08/08/2019
More results

Similar Description - HG1-3

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
PL1816-NTE NTE-PL1816-NTE Datasheet
32Kb / 7P
MATERIAL SAFETY DATA SHEET
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
Product family data sheet
Rev 11A
logo
Lite-On Technology Corp...
4N35S-TA1 LITEON-4N35S-TA1 Datasheet
616Kb / 12P
Photocoupler Product Data Sheet
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
Photocoupler Product Data Sheet
LTV-824 LITEON-LTV-824 Datasheet
893Kb / 19P
Photocoupler Product Data Sheet
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
Product Search Data Sheet
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
Product Search Data Sheet
PLA10AS1330R5D2B MURATA-PLA10AS1330R5D2B Datasheet
219Kb / 3P
Product Search Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com