Electronic Components Datasheet Search
  English  ▼

X  

SPN7002 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPN7002
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN7002 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPN7002_13 Datasheet HTML 1Page - SYNC POWER Crop. SPN7002_13 Datasheet HTML 2Page - SYNC POWER Crop. SPN7002_13 Datasheet HTML 3Page - SYNC POWER Crop. SPN7002_13 Datasheet HTML 4Page - SYNC POWER Crop. SPN7002_13 Datasheet HTML 5Page - SYNC POWER Crop. SPN7002_13 Datasheet HTML 6Page - SYNC POWER Crop. SPN7002_13 Datasheet HTML 7Page - SYNC POWER Crop. SPN7002_13 Datasheet HTML 8Page - SYNC POWER Crop. SPN7002_13 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2013/11/12
Ver.4
Page 3
SPN7002
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TA=25
Unless otherwise noted)
℃
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=250uA
60
V
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=250uA
1.0
1.7
2.5
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=48V,VGS=0V
1
uA
VDS=48V,VGS=0V
TJ=55℃
10
Drain-Source On-Resistance
RDS(on)
VGS=10V,ID=0.50A
2.5
6.0
Ω
VGS= 5V,ID=0.30A
3.3
7.0
Source-drain Current
ISD
0.35
A
Source-drain Current (pulsed)
ISDM (2)
1.4
A
Forward Transconductance
Gfs(1) VDS = 10 V, ID = 0.5 A
0.6
S
Diode Forward Voltage
VSD(1) VGS = 0 V, IS = 0.12A
0.85
1.5
V
Dynamic
Total Gate Charge
Qg
VDD = 30 V, ID = 1 A,
VGS = 5 V
1.4
2.0
nC
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
0.5
Input Capacitance
Ciss
VDS = 25 V, f = 1 MHz,
VGS = 0
43
60
pF
Output Capacitance
Coss
20
30
Reverse Transfer Capacitance
Crss
6
10
Turn-On Time
td(on)
VDD = 30 V, ID = 0.5 A
RG = 4.7Ω VGS = 4.5 V
5
20
ns
tr
15
Turn-Off Time
td(off)
7
20
tf
8
(1) Pulsed: Pulse duration = 300 μs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com