Electronic Components Datasheet Search
  English  ▼

X  

C118-21 Datasheet(PDF) 1 Page - API Technologies Corp

Part # C118-21
Description  DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

C118-21 Datasheet(HTML) 1 Page - API Technologies Corp

  C118-21 Datasheet HTML 1Page - API Technologies Corp C118-21 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
DIRECTIONAL COUPLER
SPECIFICATION
BROADBAND, 6 - 20 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
C SERIES
SPECIFICATIONS
Directivity (dB)
Frequency
(GHz)
Coupling
(dB)
Flatness2
(dB)
VSWR2
max
Loss3
max
(dB)
to
12.4 GHz
12.4 to
18 GHz
Model
Number
1-12.4
6 ± 1
± .5
1.30/1.40
.9
20
C112-6
1-12.4
10 ± 1
± .4
1.30/1.40
.7
20
C112-10
1-12.4
16 ± 11
± .4
1.30/1.40
.7
20
C112-16
1-12.4
20 ± 1
± .4
1.30/1.40
.7
20
C112-20
1-18
6 ± 1
± .5
1.40/1.50
1.2
15
12
C118-6
1-18
10 ± 1
± .5
1.40/1.50
1.0
15
12
C118-10
1-18
16 ± 11
± .5
1.40/1.50
.8
15
12
C118-16
1-18
20 ± 1
± .5
1.40/1.50
.8
15
12
C118-20
2-18
6 ± 1
± .5
1.35/1.45
1.0
20
17
C218-6
2-18
10 ± 1
± .5
1.35/1.45
.8
20
17
C218-10
2-18
16 ± 11
± .4
1.35/1.45
.6
20
17
C218-16
2-18
20 ± 1
± .4
1.35/1.45
.5
20
17
C218-20
.5-18
10 ± 1
± .8
1.40/1.40
1.2
20
15
C0518-10
Power Handling:
NOTES:
Average incident 100 W at 1 GHz
1. Referenced to the main line output port for use as a leveling coupler.
Peak is 1.5 kW
2. Flatness specifies the maximum coupling variation within the coupling range
Average reflected Coupling (W)
3. Loss is the actual dissipated and reflected loss. It does NOT include coupling loss.
-6
2
-10
5
-20
25
-30
25
Peak is 1.5 kW
FEATURES
• Up to 18:1 Bandwidth with Flat Coupling
• Models From 1 to 18 Ghz
• SMA Connectors
• Meet MIL-E-5400 Class 3 or Equivalent
• Screenable to MIL-C-15370 or Equivalent


Similar Part No. - C118-21

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
More results

Similar Description - C118-21

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C112-7 APITECH-C112-7 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C112-6 APITECH-C112-6 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C0518 APITECH-C0518 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-11 APITECH-C218-11 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-10 APITECH-C218-10 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-7 APITECH-C218-7 Datasheet
168Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-17 APITECH-C118-17 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-16 APITECH-C118-16 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-10 APITECH-C118-10 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com