Electronic Components Datasheet Search
  English  ▼

X  

64GA106 Datasheet(PDF) 321 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 321 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 317Page - Microchip Technology 64GA106 Datasheet HTML 318Page - Microchip Technology 64GA106 Datasheet HTML 319Page - Microchip Technology 64GA106 Datasheet HTML 320Page - Microchip Technology 64GA106 Datasheet HTML 321Page - Microchip Technology 64GA106 Datasheet HTML 322Page - Microchip Technology 64GA106 Datasheet HTML 323Page - Microchip Technology 64GA106 Datasheet HTML 324Page - Microchip Technology 64GA106 Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 321
PIC24FJ256GA110 FAMILY
INDEX
A
A/D Converter
Analog Input Model .................................................. 233
Transfer Function ..................................................... 234
AC Characteristics
A/D Specifications .................................................... 286
Capacitive Loading Requirements on
Output Pins ...................................................... 282
CLKO and I/O Requirements ................................... 285
Conversion Timing Requirements ............................ 287
External Clock Requirements .................................. 283
Internal RC Oscillator Accuracy ............................... 284
Internal RC Oscillator Specifications ........................ 284
Load Conditions and Requirements for
Specifications ................................................... 282
PLL Clock Specifications ......................................... 284
Reset Specifications ................................................ 285
Reset, Watchdog Timer, Oscillator Start-up
Timer, Power-up Timer, Brown-out Reset
Requirements .................................................. 288
AC Specifications ............................................................. 289
Alternate Interrupt Vector Table (AIVT) ............................. 71
Assembler
MPASM Assembler .................................................. 266
B
Block Diagrams
10-Bit High-Speed A/D Converter ............................ 226
8-Bit Multiplexed Address and Data Application ...... 210
Accessing Program Space Using Table
Instructions ........................................................ 55
Addressable Parallel Slave Port Example ............... 208
Addressing for Table Registers .................................. 57
CALL Stack Frame ..................................................... 53
Comparator Voltage Reference ............................... 239
CPU Programmer’s Model ......................................... 31
CRC Module ............................................................ 221
CRC Shift Engine ..................................................... 222
CTMU Current Source Calibration Circuit ................ 281
I2C Module ............................................................... 186
Individual Comparator Configurations ...................... 236
Input Capture ........................................................... 163
LCD Control (Byte Mode) ......................................... 210
Legacy Parallel Slave Port Example ........................ 208
Master Mode, Demultiplexed Addressing
(Separate Read and Write Strobes) ................ 208
Master Mode, Fully Multiplexed Addressing
(Separate Read and Write Strobes) ................ 209
Master Mode, Partially Multiplexed Addressing
(Separate Read and Write Strobes) ................ 209
Multiplexed Addressing Application ......................... 209
On-Chip Regulator Connections .............................. 251
Output Compare (16-Bit Mode) ................................ 168
Output Compare (Double-Buffered,
16-Bit PWM Mode) .......................................... 170
Parallel EEPROM (15-Bit Address, 8-Bit Data) ....... 210
Parallel EEPROM (15-Bit Address,16-Bit Data) ...... 210
Partially Multiplexed Addressing Application ........... 210
PCI24FJ256GA110 Family (General) ........................ 14
PIC24F CPU Core ..................................................... 30
PMP Module Overview ............................................ 201
Program Space Address Generation ......................... 54
PSV Operation ........................................................... 56
Reset System ............................................................ 65
RTCC ....................................................................... 211
Shared I/O Port Structure ........................................ 127
SPI Master, Frame Master Connection ................... 183
SPI Master, Frame Slave Connection ..................... 183
SPI Master/Slave Connection
(Enhanced Buffer Modes) ................................ 182
SPI Master/Slave Connection (Standard Mode) ...... 182
SPI Slave, Frame Master Connection ..................... 183
SPI Slave, Frame Slave Connection ....................... 183
SPIx Module (Enhanced Mode) ............................... 177
SPIx Module (Standard Mode) ................................ 176
System Clock ........................................................... 115
Timer1 ..................................................................... 155
Timer2 and Timer4 (16-Bit Synchronous) ............... 159
Timer2/3 and Timer4/5 (32-Bit) ............................... 158
Timer3 and Timer5 (16-Bit Asynchronous) .............. 159
Triple Comparator Module ....................................... 235
Typical CTMU Connections and Internal
Configuration for Capacitance Measurement .... 241
Typical CTMU Connections and Internal
Configuration for Pulse Delay Generation ....... 242
Typical CTMU Connections and Internal
Configuration for Time Measurement .............. 242
UART (Simplified) .................................................... 193
Watchdog Timer (WDT) ........................................... 253
C
C Compilers
MPLAB C18 ............................................................. 266
Charge Time Measurement Unit. See CTMU.
Clock Frequency .............................................................. 125
Clock Switching ............................................................... 125
Code Examples
Basic Sequence for Clock Switching ....................... 121
Configuring UART1 Input and Output Functions ..... 134
Erasing a Program Memory Block, Assembly ........... 60
Erasing a Program Memory Block, C Language ....... 61
I/O Port Read/Write ................................................. 128
Initiating a Programming Sequence, Assembly ......... 62
Initiating a Programming Sequence, C Language ..... 62
Loading the Write Buffers, Assembly ........................ 61
Loading the Write Buffers, C Language .................... 62
Setting the RTCWREN Bit ....................................... 212
Single-Word Flash Programming, Assembly ............. 63
Single-Word Flash Programming, C Language ......... 63
Code Protection ............................................................... 253
Code Segment ......................................................... 254
Configuration Options ...................................... 254
Configuration Registers ........................................... 254
General Segment .................................................... 253
Comparator Voltage Reference Module .......................... 239
Configuring .............................................................. 239
Configuration Bits ............................................................ 245
CPU
ALU ............................................................................ 34
Control Registers ....................................................... 32
Core Registers ........................................................... 31
CRC
Operation in Power Save Modes ............................. 222
Setup Example ........................................................ 221
User Interface .......................................................... 222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com