| Electronic Components Datasheet Search |
|
64GA106 Datasheet(PDF) 322 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA106 Datasheet(HTML) 322 Page - Microchip Technology |
|
322 / 330 page ![]() PIC24FJ256GA110 FAMILY DS39905E-page 322 2010 Microchip Technology Inc. CTMU Measuring Capacitance ........................................... 241 Measuring Time ....................................................... 242 Pulse Generation and Delay .................................... 242 Customer Change Notification Service ............................ 326 Customer Notification Service .......................................... 326 Customer Support ............................................................ 326 D Data Memory Address Space ........................................................... 37 Memory Map .............................................................. 37 Near Data Space ....................................................... 38 SFR Space ................................................................. 38 Software Stack ........................................................... 53 Space Organization, Alignment ................................. 38 DC Characteristics I/O Pin Input Specifications ...................................... 278 I/O Pin Output Specifications ................................... 279 Idle Current .............................................................. 274 Internal Voltage Regulator Specifications ................ 280 Operating Current .................................................... 273 Power-Down Current ............................................... 276 Program Memory ..................................................... 280 Temperature and Voltage Specifications ................. 271 Development Support ...................................................... 265 Device Features (Summary) 100-Pin ....................................................................... 13 64-Pin ......................................................................... 11 80-Pin ......................................................................... 12 Device Overview Core Features .............................................................. 9 Family Member Details .............................................. 10 Other Special Features .............................................. 10 E Electrical Characteristics .................................................. 269 Absolute Maximum Ratings ..................................... 269 Thermal Operating Conditions ................................. 270 V/F Graph ................................................................ 270 ENVREG Pin .................................................................... 251 Equations A/D Conversion Clock Period .................................. 233 Calculating the PWM Period .................................... 170 Calculation for Maximum PWM Resolution .............. 171 Computing Baud Rate Reload Value ....................... 187 Relationship Between Device and SPI Clock Speed .............................................. 184 RTCC Calibration ..................................................... 219 UART Baud Rate with BRGH = 0 ............................ 194 UART Baud Rate with BRGH = 1 ............................ 194 Errata ................................................................................... 8 F Flash Configuration Words ................................................. 36 Flash Program Memory and Table Instructions ................................................ 57 Enhanced ICSP Operation ......................................... 58 JTAG Operation ......................................................... 58 Operations ................................................................. 58 Programming Algorithm ............................................. 60 RTSP Operation ......................................................... 58 Single-Word Programming ......................................... 63 I I/O Ports ........................................................................... 127 Analog Port Configuration ........................................ 128 Configuring Analog Pins .......................................... 128 Input Change Notification ........................................ 129 Open-Drain Configuration ........................................ 128 Parallel (PIO) ........................................................... 127 Peripheral Pin Select ............................................... 129 Pull-ups and Pull-Downs .......................................... 129 I2C Clock Rates ............................................................. 187 Communicating as Master in Single Master Environment .................................................... 185 Peripheral Remapping Options ................................ 185 Reserved Addresses ............................................... 187 Setting Baud Rate When Operating as Bus Master ...................................................... 187 Slave Address Masking ........................................... 187 Input Capture 32-Bit Cascaded Mode ............................................ 164 Operations ............................................................... 164 Synchronous and Trigger Modes ............................. 163 Input Capture with Dedicated Timer ................................ 163 Instruction Set Overview .................................................................. 259 Summary ................................................................. 257 Inter-Integrated Circuit (I2C) ............................................ 185 Inter-Integrated Circuit. See I2C. Internet Address .............................................................. 326 Interrupt Controller ............................................................. 71 Interrupt Vector Table (IVT) ............................................... 71 Interrupts Implemented Vectors ................................................. 73 Reset Sequence ........................................................ 71 Setup and Service Procedures ................................ 113 Trap Vectors .............................................................. 72 Vector Table .............................................................. 72 J JTAG Interface ................................................................. 255 M Microchip Internet Web Site ............................................. 326 MPLAB ASM30 Assembler, Linker, Librarian .................. 266 MPLAB Integrated Development Environment Software .................................................................. 265 MPLAB PM3 Device Programmer ................................... 268 MPLAB REAL ICE In-Circuit Emulator System ............... 267 MPLINK Object Linker/MPLIB Object Librarian ............... 266 N Near Data Space ............................................................... 38 O Oscillator Configuration Bit Values for Clock Selection .................................. 116 Clock Switching ....................................................... 120 Sequence ........................................................ 121 CPU Clocking Scheme ............................................ 116 Initial Configuration on POR .................................... 116 Reference Clock Output .......................................... 122 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |