Electronic Components Datasheet Search
  English  ▼

X  

64GA106 Datasheet(PDF) 329 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 329 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 322Page - Microchip Technology 64GA106 Datasheet HTML 323Page - Microchip Technology 64GA106 Datasheet HTML 324Page - Microchip Technology 64GA106 Datasheet HTML 325Page - Microchip Technology 64GA106 Datasheet HTML 326Page - Microchip Technology 64GA106 Datasheet HTML 327Page - Microchip Technology 64GA106 Datasheet HTML 328Page - Microchip Technology 64GA106 Datasheet HTML 329Page - Microchip Technology 64GA106 Datasheet HTML 330Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 329 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 329
PIC24FJ256GA110 FAMILY
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture
24
= 16-bit modified Harvard without DSP
Flash Memory Family
FJ
= Flash program memory
Product Group
GA1 = General purpose microcontrollers
Pin Count
06
= 64-pin
08
= 80-pin
10
= 100-pin
Temperature Range
I
= -40
C to +85C (Industrial)
Package
PF = 100-lead (14x14x1mm) TQFP (Thin Quad Flatpack)
PT = 64-lead, 80-lead, 100-lead (12x12x1 mm)
TQFP (Thin Quad Flatpack)
MR = 64-lead (9x9x0.9 mm) QFN (Quad Flatpack No Leads)
Pattern
Three-digit QTP, SQTP, Code or Special Requirements
(blank otherwise)
ES = Engineering Sample
Examples:
a)
PIC24FJ128GA106-I/PT:
General purpose PIC24F, 128-Kbyte program
memory, 64-pin, Industrial temp.,TQFP package.
b)
PIC24FJ256GA110-I/PT:
General purpose PIC24F, 256-Kbyte program
memory, 100-pin, Industrial temp.,TQFP package.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (KB)
Product Group
Pin Count
Temperature Range
Package
Pattern
PIC 24 FJ 256 GA1 10 T - I / PT - XXX
Tape and Reel Flag (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com