| Electronic Components Datasheet Search |
|
64GA110 Datasheet(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA110 Datasheet(HTML) 67 Page - Microchip Technology |
|
67 / 330 page ![]() 2010 Microchip Technology Inc. DS39905E-page 67 PIC24FJ256GA110 FAMILY TABLE 6-1: RESET FLAG BIT OPERATION 6.1 Clock Source Selection at Reset If clock switching is enabled, the system clock source at device Reset is chosen as shown in Table 6-2. If clock switching is disabled, the system clock source is always selected according to the oscillator Configuration bits. Refer to Section 8.0 “Oscillator Configuration” for further details. TABLE 6-2: OSCILLATOR SELECTION vs. TYPE OF RESET (CLOCK SWITCHING ENABLED) 6.2 Device Reset Times The Reset times for various types of device Reset are summarized in Table 6-3. Note that the system Reset signal, SYSRST, is released after the POR and PWRT delay times expire. The time at which the device actually begins to execute code will also depend on the system oscillator delays, which include the Oscillator Start-up Timer (OST) and the PLL lock time. The OST and PLL lock times occur in parallel with the applicable SYSRST delay times. The FSCM delay determines the time at which the FSCM begins to monitor the system clock source after the SYSRST signal is released. Flag Bit Setting Event Clearing Event TRAPR (RCON<15>) Trap Conflict Event POR IOPUWR (RCON<14>) Illegal Opcode or Uninitialized W Register Access POR CM (RCON<9>) Configuration Mismatch Reset POR EXTR (RCON<7>) MCLR Reset POR SWR (RCON<6>) RESET Instruction POR WDTO (RCON<4>) WDT Time-out PWRSAV Instruction, POR, CLRWDT SLEEP (RCON<3>) PWRSAV #SLEEP Instruction POR IDLE (RCON<2>) PWRSAV #IDLE Instruction POR BOR (RCON<1>) POR, BOR — POR (RCON<0>) POR — Note: All Reset flag bits may be set or cleared by the user software. Reset Type Clock Source Determinant POR FNOSC Configuration bits (CW2<10:8>) BOR MCLR COSC Control bits (OSCCON<14:12>) WDTO SWR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |