Electronic Components Datasheet Search
  English  ▼

X  

LM285 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM285
Description  Micropower Voltage Reference Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM285 Datasheet(HTML) 6 Page - ON Semiconductor

  LM285 Datasheet HTML 1Page - ON Semiconductor LM285 Datasheet HTML 2Page - ON Semiconductor LM285 Datasheet HTML 3Page - ON Semiconductor LM285 Datasheet HTML 4Page - ON Semiconductor LM285 Datasheet HTML 5Page - ON Semiconductor LM285 Datasheet HTML 6Page - ON Semiconductor LM285 Datasheet HTML 7Page - ON Semiconductor LM285 Datasheet HTML 8Page - ON Semiconductor LM285 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LM285, LM385B
http://onsemi.com
6
ORDERING INFORMATION
Device
Operating Temperature Range
Reverse Break-Down
Voltage
Package
Shipping†
LM285D-1.2
TA = -40°C to +85°C
1.235 V
SOIC-8
98 Units / Rail
LM285D-1.2G
SOIC-8
(Pb-Free)
98 Units / Rail
LM285D-1.2R2
SOIC-8
2500 / Tape & Reel
LM285D-1.2R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
LM285D-2.5
2.500 V
SOIC-8
98 Units / Rail
LM285D-2.5G
SOIC-8
(Pb-Free)
98 Units / Rail
LM285D-2.5R2
SOIC-8
2500 / Tape & Reel
LM285D-2.5R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
LM285Z-1.2
1.235 V
TO-92
2000 Units / Bag
LM285Z-1.2G
TO-92
(Pb-Free)
2000 Units / Bag
LM285Z-2.5
2.500 V
TO-92
2000 Units / Bag
LM285Z-2.5G
TO-92
(Pb-Free)
2000 Units / Bag
LM285Z-1.2RA
1.235 V
TO-92
2000 / Tape & Reel
LM285Z-1.2RAG
TO-92
(Pb-Free)
2000 / Tape & Reel
LM285Z-2.5RA
2.500 V
TO-92
2000 / Tape & Reel
LM285Z-2.5RAG
TO-92
(Pb-Free)
2000 / Tape & Reel
LM285Z-2.5RP
TO-92
2000 Units / Fan-Fold
LM285Z-2.5RPG
TO-92
(Pb-Free)
2000 Units / Fan-Fold
LM385BD-1.2
TA = 0°C to +70°C
1.235 V
SOIC-8
98 Units / Rail
LM385BD-1.2G
SOIC-8
(Pb-Free)
98 Units / Rail
LM385BD-1.2R2
SOIC-8
2500 / Tape & Reel
LM385BD-1.2R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
LM385BD-2.5
2.500 V
SOIC-8
98 Units / Rail
LM385BD-2.5G
SOIC-8
(Pb-Free)
98 Units / Rail
LM385BD-2.5R2
SOIC-8
2500 / Tape & Reel
LM385BD-2.5R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
LM385BZ-1.2
1.235 V
TO-92
2000 Units / Bag
LM385BZ-1.2G
TO-92
(Pb-Free)
2000 Units / Bag
LM385BZ-1.2RA
TO-92
2000 / Tape & Reel
LM385BZ-1.2RAG
TO-92
(Pb-Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com