Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM4040
Description  Precision Micro-Power Shunt Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040 Datasheet(HTML) 4 Page - ON Semiconductor

  LM4040 Datasheet HTML 1Page - ON Semiconductor LM4040 Datasheet HTML 2Page - ON Semiconductor LM4040 Datasheet HTML 3Page - ON Semiconductor LM4040 Datasheet HTML 4Page - ON Semiconductor LM4040 Datasheet HTML 5Page - ON Semiconductor LM4040 Datasheet HTML 6Page - ON Semiconductor LM4040 Datasheet HTML 7Page - ON Semiconductor LM4040 Datasheet HTML 8Page - ON Semiconductor LM4040 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM4040, LM4041
http://onsemi.com
4
Table 5. DC ELECTRICAL CHARACTERISTICS
(IR = 100 mA, TA = −40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Symbol
Units
Limits
Test Conditions
Parameter
Symbol
Units
Max
Typ
Min
Test Conditions
Parameter
2.500 V
IR_MIN
Minimum Operating Current
45
65
mA
DVR/DT
Reverse Breakdown Voltage
Temperature Coefficient
IR = 10 mA
±20
ppm/°C
IR = 1 mA
LM4040A, B, C
±15
±100
LM4040D, E
±15
±150
IR = 100 mA
±15
DVR/DIR
Reverse Breakdown Voltage
Change with Operating Current
IR_MIN ≤ IR ≤
1 mA
LM4040A, B, C
0.3
1.0
mV
LM4040D, E
0.3
1.2
1 mA ≤ IR ≤
15 mA
LM4040A, B, C
2.5
8
LM4040D, E
2.5
10
ZR
Reverse Dynamic Impedance
IR = 1 mA,
f = 120 Hz,
IAC = 0.1 IR
LM4040A, B
0.3
0.8
W
LM4040C
0.3
0.9
LM4040D, E
0.3
1.1
eN
Wideband Noise
IR = 100 mA, 10 Hz ≤ f ≤ 10 KHz
350
mVRMS
DVR
Reverse Breakdown Voltage
Long Term Stability
T = 1000 h
120
ppm
VHYST
Thermal Hysteresis (Note 2)
DT = −40°C to +125°C
0.08
%
3.000 V
VR
Reverse Breakdown Voltage
TA = +25°C
LM4040A (0.1%)
2.997
3.000
3.003
V
LM4040B (0.2%)
2.994
3.000
3.006
LM4040C (0.5%)
2.985
3.000
3.015
LM4040D (1.0%)
2.970
3.000
3.030
LM4040E (2.0%)
2.940
3.000
3.060
VR
Reverse Breakdown Voltage
Tolerance
LM4040A
±3
±22
mV
LM4040B
±6
±26
LM4040C
±15
±34
LM4040D
±30
±59
LM4040E
±60
±89
IR_MIN
Minimum Operating Current
45
65
mA
DVR/DT
Reverse Breakdown Voltage
Temperature Coefficient
IR = 10 mA
±20
ppm/°C
IR = 1 mA
LM4040A, B, C
±15
±100
LM4040D, E
±15
±150
IR = 100 uA
±15
DVR/DIR
Reverse Breakdown Voltage
Change with Operating Current
IR_MIN ≤ IR ≤
1 mA
LM4040A, B, C
0.4
1.1
mV
LM4040D, E
0.4
1.3
1mA ≤ IR ≤
15 mA
LM4040A, B, C
2.7
9
LM4040D, E
2.7
11
1. Guaranteed by design.
2. Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature −40°C and the 25°C measure-
ment after cycling to temperature +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com