Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM4041
Description  Precision Micro-Power Shunt Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4041 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM4041 Datasheet HTML 6Page - ON Semiconductor LM4041 Datasheet HTML 7Page - ON Semiconductor LM4041 Datasheet HTML 8Page - ON Semiconductor LM4041 Datasheet HTML 9Page - ON Semiconductor LM4041 Datasheet HTML 10Page - ON Semiconductor LM4041 Datasheet HTML 11Page - ON Semiconductor LM4041 Datasheet HTML 12Page - ON Semiconductor LM4041 Datasheet HTML 13Page - ON Semiconductor LM4041 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LM4040, LM4041
http://onsemi.com
11
Table 6. ORDERING INFORMATION
Part Number
Specific
Device
Marking
Voltage
Accuracy
Max Drift
Temperature Range
Package
(Note 3)
LM4041ATB−122GT3*
4M
1.225 V
±0.1%
100 ppm/°C
−40°C to 85°C
SOT−23−3
LM4041BTB−122GT3
±0.2%
LM4041CTB−122GT3
±0.5%
LM4041DTB−122GT3
±1.0%,
150 ppm/°C
LM4041ETB−122GT3
±2.0%,
LM4040ATB−250GT3*
4L
2.500 V
±0.1%
100 ppm/°C
LM4040BTB−250GT3
±0.2%
LM4040CTB−250GT3
±0.5%
LM4040DTB−250GT3
±1.0%,
150 ppm/°C
LM4040ETB−250GT3*
±2.0%,
LM4040ATB−300GT3*
3.000 V
±0.1%
100 ppm/°C
LM4040BTB−300GT3
±0.2%
LM4040CTB−300GT3
±0.5%
LM4040DTB−300GT3
±1.0%,
150 ppm/°C
LM4040ETB−300GT3*
±2.0%,
LM4040ATB−330GT3*
3.300 V
±0.1%
100 ppm/°C
LM4040BTB−330GT3
±0.2%
LM4040CTB−330GT3
±0.5%
LM4040DTB−330GT3
±1.0%,
150 ppm/°C
LM4040ETB−330GT3*
±2.0%,
LM4040ATB−409GT3*
4.096 V
±0.1%
100 ppm/°C
LM4040BTB−409GT3
±0.2%
LM4040CTB−409GT3
±0.5%
LM4040DTB−409GT3
±1.0%,
150 ppm/°C
LM4040ETB−409GT3*
±2.0%,
LM4040ATB−500GT3
5.000 V
±0.1%
100 ppm/°C
LM4040BTB−500GT3
±0.2%
LM4040CTB−500GT3
±0.5%
LM4040DTB−500GT3
±1.0%,
150 ppm/°C
LM4040ETB−500GT3*
±2.0%,
*Consult Sales.
3. Tape & Reel, 3,000 Units / Reel
4. All packages are RoHS−compliant (Lead−free, Halogen−free).
5. The standard lead finish is NiPdAu.
6. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
7. For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device
Nomenclature document, TND310/D, available at www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com