Electronic Components Datasheet Search
  English  ▼

X  

PC3H710NIP0F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3H710NIP0F
Description  Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H710NIP0F Datasheet(HTML) 1 Page - Sharp Corporation

  PC3H710NIP0F Datasheet HTML 1Page - Sharp Corporation PC3H710NIP0F Datasheet HTML 2Page - Sharp Corporation PC3H710NIP0F Datasheet HTML 3Page - Sharp Corporation PC3H710NIP0F Datasheet HTML 4Page - Sharp Corporation PC3H710NIP0F Datasheet HTML 5Page - Sharp Corporation PC3H710NIP0F Datasheet HTML 6Page - Sharp Corporation PC3H710NIP0F Datasheet HTML 7Page - Sharp Corporation PC3H710NIP0F Datasheet HTML 8Page - Sharp Corporation PC3H710NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC3H71)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Programmable controllers
2. Facsimiles
3. Telephones
■ Applications
Mini-flat Half Pitch Package
High CMR, Low Input Current
Photocoupler
1. 4-pin Mini-flat Half pitch package (Lead pitch :
1.27mm)
2. Double transfer mold package (Ideal for Flow
Soldering)
3. Low input current type (IF=0.5mA)
4. High collector-emitter voltage (VCEO : 80V)
5. High noise immunity due to high common mode
rejection voltage (CMR : MIN. 10kV/µs)
6. Isolation voltage between input and output (Viso(rms) :
2.5kV)
7. Lead-free and RoHS directive compliant
■ Description
PC3H71xNIP0F Series contains a IRED optically
coupled to a phototransistor.
It is packaged in a 4-pin mini-flat, half pitch type.
Input-output isolation voltage(rms) is 2.5kV.
Collector-emitter voltage is 80V, CTR is 100% to
700% at input current of 0.5mA and CMR is MIN.
10kV/µs.
1
Sheet No.: D2-A02502EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC3H71xNIP0F
Series
∗4-channel package type is also available.
(model No. PC3Q71xNIP0F Series)
PC3H71xNIP0F Series


Similar Part No. - PC3H710NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
More results

Similar Description - PC3H710NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H2 SHARP-PC3H2 Datasheet
179Kb / 13P
Mini-flat Half Pitch Package, High CMR Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367NJ0000F SHARP-PC367NJ0000F Datasheet
240Kb / 14P
Mini-flat Package High CMR, Low Input Current Type Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367NTJ000F SHARP-PC367NTJ000F Datasheet
211Kb / 15P
Mini-flat Package High CMR, Low Input Current Type Photocoupler
PC3H711NIP0F SHARP-PC3H711NIP0F Datasheet
198Kb / 13P
Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com