Electronic Components Datasheet Search
  English  ▼

X  

SB342 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SB342
Description  Data Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SB342 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SB342 Datasheet HTML 1Page - List of Unclassifed Manufacturers SB342 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
21/01/13
Data Switch
DB9, 2 Way
Specifications :
Computer Switch Type
: Data
Computer Switch Function
: Manual
Input Connection
: DB9 Female
Output Connection
: DB9 Female
No. of Ways
: 2
No.
Description
Qty
1
DB9 Female, Gold Flash on contacts, Blue Insulator
3
2
Hex-Nut 4.75mm × 13mm, Screw Cap 4.75mm × 1.5mm
3 Set
3
Knob for A, B, Swith
1
Screw 4mm × 12.5mm with Pad
1 Set
Main Heart 1-8-2
1
26AWG Insulator, Length 150mm
29
4
Metal case, Thickness 0.8mm
1 Set
5
Screw 3mm × 6mm PWB
4
6
Plasto-Visco-Elastic Body
4
Dimensions : Millimetres


Similar Part No. - SB342

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB34 GULFSEMI-SB34 Datasheet
219Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
logo
Gaomi Xinghe Electronic...
SB34 GXELECTRONICS-SB34 Datasheet
487Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB34-A GULFSEMI-SB34-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
logo
Pan Jit International I...
SB340 PANJIT-SB340 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB340 TRSYS-SB340 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB342

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7801S STMICROELECTRONICS-STV7801S Datasheet
196Kb / 18P
PLASMA DATA POWER SWITCH
Sep-2000
logo
Maxim Integrated Produc...
MAX4947 MAXIM-MAX4947 Datasheet
273Kb / 13P
Hex SPDT Data Switch
Rev 1; 1/07
logo
ON Semiconductor
NL3HS644 ONSEMI-NL3HS644 Datasheet
209Kb / 8P
4-Data Lane Switch
November, 2015 ??Rev. 2
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
34904A KEYSIGHT-34904A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
34907A KEYSIGHT-34907A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
34908A KEYSIGHT-34908A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
34972A KEYSIGHT-34972A Datasheet
4Mb / 28P
Data Acquisition/Switch Unit Family
L4490A KEYSIGHT-L4490A Datasheet
4Mb / 19P
RF Switch Platform Data
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com