Electronic Components Datasheet Search
  English  ▼

X  

SP483EEP Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP483EEP
Description  Enhanced Low EMI Half-Duplex RS-485 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP483EEP Datasheet(HTML) 1 Page - Sipex Corporation

  SP483EEP Datasheet HTML 1Page - Sipex Corporation SP483EEP Datasheet HTML 2Page - Sipex Corporation SP483EEP Datasheet HTML 3Page - Sipex Corporation SP483EEP Datasheet HTML 4Page - Sipex Corporation SP483EEP Datasheet HTML 5Page - Sipex Corporation SP483EEP Datasheet HTML 6Page - Sipex Corporation SP483EEP Datasheet HTML 7Page - Sipex Corporation SP483EEP Datasheet HTML 8Page - Sipex Corporation SP483EEP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
SP483EDS/05
SP483E Low EMI Half-Duplex RS485 Transceiver
© Copyright 2000 Sipex Corporation
SP483E
s +5V Only
s Low Power BiCMOS
s Driver/Receiver Enable for Multi-Drop
configurations
s Enhanced ESD Specifications:
+15KV Human Body Model
+15KV IEC1000-4-2 Air Discharge
+8KV IEC1000-4-2 Contact Discharge
s Low EMI Transceiver limited to 250kbps
Enhanced Low EMI Half-Duplex
RS-485 Transceiver
R
D
RO 1
RE 2
DE 3
DI 4
8 Vcc
7 B
6 A
5 GND
SP483E
DESCRIPTION
The SP483E is a half-duplex transceiver that meets the specifications of RS-485 and RS-422
serial protocols with enhanced ESD performance. The ESD tolerance has been improved on
this device to over
±15kV for both Human Body Model and IEC1000-4-2 Air Discharge
Method. This device is pin-to-pin compatible with Sipex's SP483 device as well as popular
industry standards. As with the original version, the SP483E features Sipex's BiCMOS
design allowing low power operation without sacrificing performance. The SP483E meet the
requirements of the RS-485 and RS-422 protocols up to 250kbps under load. The SP483E
is internally slew rate limited to reduce EMI and can meet the requirements of RS-485 and
RS-422 up to 250kbps. The SP483E is also equipped with a low power Shutdown mode.
®


Similar Part No. - SP483EEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483EEP SIPEX-SP483EEP Datasheet
100Kb / 11P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483EEP SIPEX-SP483EEP Datasheet
100Kb / 11P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483EEP SIPEX-SP483EEP Datasheet
83Kb / 11P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results

Similar Description - SP483EEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483E SIPEX-SP483E Datasheet
100Kb / 11P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP483E SIPEX-SP483E Datasheet
100Kb / 11P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
HALF-DUPLEX RS-485 TRANSCEIVER
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP483EEN-L EXAR-SP483EEN-L Datasheet
625Kb / 12P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
HALF-DUPLEX RS-485 TRANSCEIVER
logo
Exar Corporation
SP483ECP-L EXAR-SP483ECP-L Datasheet
625Kb / 12P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
Texas Instruments
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com