Electronic Components Datasheet Search
  English  ▼

X  

MPSW63 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPSW63
Description  One Watt Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW63 Datasheet(HTML) 3 Page - ON Semiconductor

  MPSW63 Datasheet HTML 1Page - ON Semiconductor MPSW63 Datasheet HTML 2Page - ON Semiconductor MPSW63 Datasheet HTML 3Page - ON Semiconductor MPSW63 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSW63 MPSW64
http://onsemi.com
3
Figure 4. Temperature Coefficients
Figure 5. Current−Gain — Bandwidth Product
Figure 6. Capacitance
Figure 7. Active Region, Safe Operating Area
−0.5
−100
−0.3
IC, COLLECTOR CURRENT (mA)
+5.0
+1.0
−1.0
−2.0
−3.0
−5.0
IC, COLLECTOR CURRENT (mA)
20
−10
−0.5
−2.0
−0.1
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
3.0
2.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
−1 k
−500
−200
−100
−1.0
−10
−5.0
−20
−1.0
−5.0
−20
−4.0
600
100
60
40
30
−300
0
−0.5
−100
−0.3
−10
−1.0 −2.0
−5.0
−50
−300
−0.2
−30
10
−2 k
−5.0
−1.5
−20
−10
−30
−2.0
15
20
−20
400
300
200
+2.0
+4.0
+3.0
−2.0
−50
Cibo
Cobo
TJ = 25°C
f = 1.0 MHz
TJ = 25°C
*APPLIES FOR IC/IB ≤ hFE/100
+25°C TO +125°C
−50°C TO +25°C
RqVB FOR VBE
*RqVC FOR VCE(sat)
+25°C TO +125°C
−50°C TO +25°C
VCE = −20 V
−10 V
−5.0 V
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
DUTY CYCLE ≤ 10%
TA = 25°C
TC = 25°C
1.0 s
1.0 mS
100 ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com