Electronic Components Datasheet Search
  English  ▼

X  

AS1105 Datasheet(PDF) 6 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 6 Page - ams AG

Back Button AS1105 Datasheet HTML 2Page - ams AG AS1105 Datasheet HTML 3Page - ams AG AS1105 Datasheet HTML 4Page - ams AG AS1105 Datasheet HTML 5Page - ams AG AS1105 Datasheet HTML 6Page - ams AG AS1105 Datasheet HTML 7Page - ams AG AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG AS1105 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ams.com/LED-Driver-ICs/AS1105
Revision 1.36
5 - 15
AS1105
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
Figure 3. Segment Driver Capability,
Figure 4. Segment Current versa RSET
VDD = 5V, Logic Level = High
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
22.5
33.5
44.5
Voltage below VDD at output (V)
0
5
10
15
20
25
30
35
40
45
50
10
100
RSET (kOhm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com