Electronic Components Datasheet Search
  English  ▼

X  

AS1106 Datasheet(PDF) 9 Page - ams AG

Part # AS1106
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106 Datasheet(HTML) 9 Page - ams AG

Back Button AS1106 Datasheet HTML 5Page - ams AG AS1106 Datasheet HTML 6Page - ams AG AS1106 Datasheet HTML 7Page - ams AG AS1106 Datasheet HTML 8Page - ams AG AS1106 Datasheet HTML 9Page - ams AG AS1106 Datasheet HTML 10Page - ams AG AS1106 Datasheet HTML 11Page - ams AG AS1106 Datasheet HTML 12Page - ams AG AS1106 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
8 - 21
AS1106, AS1107
Datasheet - Detailed Descr i pti on
8 Detailed Description
8.1 AS1106 vs. AS1107
The AS1106 and AS1107 are identical except for two features:
The AS1107 segment drivers are slew-rate limited to reduce electromagnetic interference (EMI).
The AS1107 serial interface is fully SPI compatible (programmable for AS1106).
8.2 Serial-Addressing Format
Programming the AS1106/AS1107 is done by writing to the device’s internal registers (see Digit- and Control-Registers on page 9) via the 4-wire
serial interface. A programming sequence consists of 16-bit packages as listed in Table 6.
The data is shifted into the internal 16-bit register with the rising edge of the CLK signal. With the rising edge of the LOAD/CSN signal the data is
latched into a digit- or control-register. The LOAD/CSN signal must go high after the 16th rising clock edge.
The LOAD/CSN signal can also come later but this must happen just before the next rising edge of CLK, otherwise the data will be lost. The
contents of the internal shift register are applied 16.5 clock cycles later to pin DOUT. The data is clocked out at the falling edge of CLK.
The first 4 bits (D15:D12) are “don't care”, bits D11:D8 contain the register address, and bits D7:D0 contain the data. The first bit is D15, the most
significant bit (MSB). The exact timing is shown in Figure 12.
8.3 Initial Power-Up
On initial power-up, the AS1106/AS1107 registers are reset to their default values, the display is blanked, and the device goes into shutdown
mode. At this time, all registers should be programmed for normal operation.
Note:
The default settings enable only scanning of one digit; the internal decoder is disabled and the Intensity Control Register (see page 12)
is set to the minimum values.
Figure 12. Interface Timing
Table 6. 16-Bit Serial Data Format
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
Register Address (see Table 7)MSB
Data
LSB
tCL
LOAD/CSN
CLK
DIN
DOUT
D15
D14
D1
D0
tDO
tCSS
tDS
tDH
tCH
tCP
tCSH
tCSW
tLDCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22