Electronic Components Datasheet Search
  English  ▼

X  

AS1109 Datasheet(PDF) 12 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 12 Page - ams AG

Back Button AS1109 Datasheet HTML 8Page - ams AG AS1109 Datasheet HTML 9Page - ams AG AS1109 Datasheet HTML 10Page - ams AG AS1109 Datasheet HTML 11Page - ams AG AS1109 Datasheet HTML 12Page - ams AG AS1109 Datasheet HTML 13Page - ams AG AS1109 Datasheet HTML 14Page - ams AG AS1109 Datasheet HTML 15Page - ams AG AS1109 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
11 - 24
AS1109
Datasheet - Detailed Descr i p ti on
8.5 Error Detection Functions
8.5.1 Open-LED Detection
The AS1109 open-LED detection is based on the comparison between VDS and VTHL. The open LED status is aquired at the rising edge of
OEN and stored internally. While detecting open-LEDs the output port must be turned on. Open LED detection can be started with 1 clock pulse
during error detection mode while the output port is turned on.
Note:
LEDs which are turned off at test time cannot be tested.
8.5.2 Shorted-LED
The AS1109 shorted-LED detection is based on the comparison between VDS and VTHH. The shortened LED status is acquired at the rising
edge of OEN and stored internally. While detecting shorted-LEDs the output port must be turned on. Shorted-LED detection can be started with
2 clock pulses during error detection mode while the output port is turned on.
For valid results, the voltage at OUTN0:OUTN7 must be lower then VTHH under low-current diagnostic mode operating conditions. This can be
achieved by reducing the VLED voltage or by adding additional diodes, resistors or LED’s.
Note:
LEDs which are turned off at test time cannot be tested.
8.5.3 Overtemperature
Thermal protection for the AS1109 is provided by continuously monitoring the device’s core temperature. The overtemperature status is aquired
at the rising edge of OEN and stored internally.
Table 6. Open LED Detection Modes
Output Port State
Effective Output
Point Conditions
Detected Open-LED
Error Status Code
Meaning
On
VDS < VTHL
0
Open Circuit
On
VDS > VTHL
1
Normal
Table 7. Shorted LED Detection Modes
Output Port State
Effective Output
Point Conditions
Detected Shorted-LED
Error Status Code
Meaning
On
VDS > VTHH
0
Short Circuit
On
VDS < VTHH
1
Normal
Table 8. Overtemperature Modes
Output Port State
Effective Output
Point Conditions
Detected Overtemperature
Status Code
Meaning
Don’t Care
Temperature > TOV1
0
Overtemperature Condition
Don’t Care
Temperature < TOV1
1Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com