Electronic Components Datasheet Search
  English  ▼

X  

MR147L Datasheet(PDF) 1 Page - API Technologies Corp

Part # MR147L
Description  RF/LO: 3 to 18 GHz IF: DC to 800 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MR147L Datasheet(HTML) 1 Page - API Technologies Corp

  MR147L Datasheet HTML 1Page - API Technologies Corp MR147L Datasheet HTML 2Page - API Technologies Corp MR147L Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603-459-1605
www.SpectrumMicrowave.com
SPECIFICATION
MR147L Low Cost Open Substrate Mixer
BULLETIN
RF/LO: 3 to 18 GHz IF: DC to 800 MHz
Standard Product Features
• Surface Mount Configuration
• Covers Telecommunication Bands
• 5.5 dB Typical Mid-Band Conversion Loss
• High Isolation > 30 dB LO-RF
• Two IF Outputs (One active at a time)
•
Low Cost
SPECIFICATIONS
TYPICAL
Min.
Max.
RF/LO Frequency Range
-----
3 GHz
18 GHz
IF Frequency Range (3 dB Bandwidth)
-----
DC
800 MHz
Conversion Loss (IF = DC to 500
MHz)
5.5 dB
----
8.5 dB
LO Drive Level
9 dBm
7 dBm
11 dBm
Isolation, LO to RF
30 dB
20 dB
---
LO to IF
25 dB
15 dB
---
VSWR, RF
2.2:1
---
---
LO
1.6:1
---
---
Input 1 dB Compression
4 dBm
2 dBm
---
Input Two-Tone Third Order IP (IP3)
14 dBm
10 dBm
---
Operating Temperature Range
---
-54 C
+95 C
Storage Temperature Range
---
-65 C
+125 C
Note: Only one IF Output can be connected. Alternate LO Drive ranges available. Consult Factory.
OUTLINE DRAWING


Similar Part No. - MR147L

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR147H APITECH-MR147H Datasheet
195Kb / 3P
RF/LO: 3 to 18 GHz IF: DC to 800 MHz
MR147M APITECH-MR147M Datasheet
206Kb / 3P
RF/LO: 3 to 18 GHz IF: DC to 800 MHz
More results

Similar Description - MR147L

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR147M APITECH-MR147M Datasheet
206Kb / 3P
RF/LO: 3 to 18 GHz IF: DC to 800 MHz
MR147H APITECH-MR147H Datasheet
195Kb / 3P
RF/LO: 3 to 18 GHz IF: DC to 800 MHz
MR144M APITECH-MR144M Datasheet
114Kb / 1P
RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR144L APITECH-MR144L Datasheet
203Kb / 3P
RF/LO: 4 to 18 GHz IF: DC to 800 MHz
MR144H APITECH-MR144H Datasheet
113Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR126L APITECH-MR126L Datasheet
109Kb / 1P
RF/LO: 1 to 18 GHz IF: DC to 500 MHz
MR117 APITECH-MR117 Datasheet
179Kb / 3P
RF/LO: 2 to 18 GHz IF: DC to 300 MHz
MR105M APITECH-MR105M Datasheet
110Kb / 1P
RF/LO: 2 to 18 GHz IF: DC to 800 MHz
MR105L APITECH-MR105L Datasheet
217Kb / 3P
RF/LO:2 to 18GHz IF: DC to 800 MHz
MR105H APITECH-MR105H Datasheet
134Kb / 1P
RF/LO: 2 to 18 GHz IF: DC to 800 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com