Electronic Components Datasheet Search
  English  ▼

X  

MR142M Datasheet(PDF) 1 Page - API Technologies Corp

Part # MR142M
Description  RF / LO: 4 to 18 GHz IF: 10 to 5000 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MR142M Datasheet(HTML) 1 Page - API Technologies Corp

  MR142M Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603-459-1605
www.SpectrumMicrowave.com
SPECIFICATION
MR142M Triple Balanced Mixer
BULLETIN
RF / LO: 4 to 18 GHz IF: 10 to 5000 GHz
Standard Product Features
•
SMA Removable Connectors
•
Broadband Performance
•
6.0 dB Typical Conversion Loss
•
30 dB Typical Isolation
•
Broadband IF Coverage
•
Triple Balanced
•
Low Cost
SPECIFICATIONS
TYPICAL
Min.
Max.
RF /LO Frequency Range
-----
4 GHz
18 GHz
IF Frequency Range (3 dB Bandwidth)
-----
10 MHz
5000 MHz
Conversion Loss
6.0 dB
----
9.5 dB
LO Drive Level
15.0 dBm
13.0 dBm
17.0 dBm
Isolation, LO to RF
30 dB
20 dB
---
LO to IF
25 dB
15 dB
---
VSWR, RF
2.2:1
---
---
LO
1.8:1
---
---
Input 1 dB Compression
10 dBm
7 dBm
---
Input Two-Tone Third Order IP (IP3)
+18 dBm
+15 dBm
---
Operating Temperature Range
---
-54 C
+95 C
Storage Temperature Range
---
-65 C
+125 C
Alternate LO Drive Ranges are available. Consult factory for assistance on your requirements.
OUTLINE DRAWING


Similar Part No. - MR142M

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR142H APITECH-MR142H Datasheet
113Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142L APITECH-MR142L Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
More results

Similar Description - MR142M

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR160M APITECH-MR160M Datasheet
107Kb / 1P
RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
MR143M APITECH-MR143M Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143L APITECH-MR143L Datasheet
186Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143H APITECH-MR143H Datasheet
196Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR142L APITECH-MR142L Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142H APITECH-MR142H Datasheet
113Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR140L APITECH-MR140L Datasheet
179Kb / 3P
RF/LO: 4 to 18 GHz IF:1 to 10 GHz
MR139L APITECH-MR139L Datasheet
116Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: 10 to 5000 MHz
MR118 APITECH-MR118 Datasheet
209Kb / 3P
RF/LO: 2 to 18 GHz IF: 10 to 5000 MHz
MR116L APITECH-MR116L Datasheet
193Kb / 2P
RF/LO: 2 to 18 GHz IF: 1 to 10 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com